Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 29Page - ATMEL Corporation T48C893 Datasheet HTML 30Page - ATMEL Corporation T48C893 Datasheet HTML 31Page - ATMEL Corporation T48C893 Datasheet HTML 32Page - ATMEL Corporation T48C893 Datasheet HTML 33Page - ATMEL Corporation T48C893 Datasheet HTML 34Page - ATMEL Corporation T48C893 Datasheet HTML 35Page - ATMEL Corporation T48C893 Datasheet HTML 36Page - ATMEL Corporation T48C893 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
33 (82)
able and disable the modulator output for a programmable
count of pulses.
For programming the time interval, the timer has a 4-bit
and an 8-bit compare register. For programming the timer
function, it has four mode and control registers. The
comparator output of stage 2 is controlled by a special
compare mode register (T2CM). This register contains
mask bits for the actions (counter reset, output toggle,
timer interrupt) which can be triggered by a compare
match event or the counter overflow. This architecture en-
ables the timer function for various modes.
Timer 2 compare data values
The Timer 2 has a 4-bit compare register (T2CO1) and an
8-bit compare register (T2CO2). Both these compare
registers are cascadable as a 12-bit compare register, or
8-bit compare register and 4-bit compare register.
For 12-bit compare data value: m = x +1 0
≤ x ≤ 4095
For 8-bit compare data value: n = y +1 0
≤ y ≤ 255
For 4-bit compare data value: l = z +1
0
≤ z ≤ 15
4–bit Counter 2/1
RES
OVF1
Compare 2/1
T2CO1
CM1
POUT
SSI POUT
CL2/2
DCG
T2M1
P4CR
8–bit Counter 2/2
RES
OVF2
Compare 2/2
T2CO2
T2CM
Control
TOG2
INT4
Biphase–,
Manchester–
modulator
OUTPUT
MOUT
M2
to
Modulator 3
T2O
Timer 2
modulator
output–stage
T2M2
SO
Control
SSI
SSI
I/O–bus
T2C
CL2/1
T2I
SYSCL
T1OUT
TOG3
SCL
I/O–bus
13776
DCGO
Figure 30. Timer 2
Timer 2 Modes
Mode 1: 12-bit compare counter
4-bit counter
4-bit compare
RES
4-bit register
CM1
POUT (CL2/1 /16)
8-bit counter
8-bit compare
8-bit register
OVF2
CM2
RES
T2RM
T2OTM
Timer 2
output mode
and T2OTM–bit
T2IM
T2CTM
TOG2
INT4
CL2/1
13778
DCG
T2D1, 0
Figure 31. 12-bit compare counter
The 4-bit stage and the 8-bit stage work together as a 12-bit compare counter. A compare match signal of the 4-bit and
the 8-bit stage generates the signal for the counter reset, toggle flip-flop or interrupt. The compare action is program-
mable via the compare mode register (T2CM). The 4-bit counter overflow (OVF1) supplies the clock output (POUT)
with clocks. The duty cycle generator (DCG) has to be bypassed in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com