Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 26Page - ATMEL Corporation T48C893 Datasheet HTML 27Page - ATMEL Corporation T48C893 Datasheet HTML 28Page - ATMEL Corporation T48C893 Datasheet HTML 29Page - ATMEL Corporation T48C893 Datasheet HTML 30Page - ATMEL Corporation T48C893 Datasheet HTML 31Page - ATMEL Corporation T48C893 Datasheet HTML 32Page - ATMEL Corporation T48C893 Datasheet HTML 33Page - ATMEL Corporation T48C893 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
30 (82)
4.3.1
Timer 1
The Timer 1 is an interval timer which can be used to gen-
erate periodical interrupts and as prescaler for Timer 2,
Timer 3, the serial interface and the watchdog function.
The Timer 1 consists of a programmable 14-stage divider
that is driven by either SUBCL or SYSCL. The timer
output signal can be used as prescaler clock or as SUBCL
and as source for the Timer 1 interrupt. Because of other
system requirements the Timer 1 output T1OUT is
synchronized with SYSCL. Therefore in the power-down
mode SLEEP (CPU core –> sleep and OSC-Stop –> yes)
the output T1OUT is stopped (T1OUT=0). Nevertheless
the Timer 1 can be active in SLEEP and generate Timer 1
interrupts. The interrupt is maskable via the T1IM bit and
the SUBCL can be bypassed via the T1BP bit of the T1C2
register. The time interval for the timer output can be
programmed via the Timer 1 control register T1C1.
This timer starts running automatically after any
power-on reset ! If the watchdog function is not activated,
the timer can be restarted by writing into the T1C1
register with T1RM=1.
Timer 1 can also be used as a watchdog timer to prevent
a system from stalling. The watchdog timer is a 3-bit
counter that is supplied by a separate output of Timer 1.
It generates a system reset when the 3-bit counter
overflows. To avoid this, the 3-bit counter must be reset
before it overflows. The application software has to
accomplish this by reading the CWD register.
After power-on reset the watchdog must be activated by
software in the $RESET initialization routine. There are
two watchdog modes, in one mode the watchdog can be
switched on and off by software, in the other mode the
watchdog is active and locked. This mode can only be
stopped by carrying out a system reset.
The watchdog timer operation mode and the time interval
for the watchdog reset can be programmed via the
watchdog control register (WDC).
13766
Prescaler
14 bit
CL1
Watchdog
4 bit
MUX
WDCL
T1IM
T1BP
T1MUX
NRST
INT2
T1OUT
T1CS
SYSCL
SUBCL
Figure 28. Timer 1 module
Q5
Q1 Q2 Q3 Q4
Q6
Q8
Q8
Q11
Q11
Q14
Q14
RES
CL
Decoder
Watchdog
mode control
MUX for interval timer
Decoder
MUX for watchdog timer
T1RM T1C2 T1C1 T1C0
3
2
WDL WDR WDT1 WDT0
WDC
RES
T1MUX
SUBCL
T1BP T1IM
T1IM=0
T1IM=1
INT2
T1OUT
T1C2
RESET
(NRST)
Watchdog
Divider / 8
Divider
RESET
T1C1
Write of the
T1C1 register
CL1
13767
WDCL
Read of the
CWD register
Figure 29. Timer 1 and watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com