Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 18Page - ATMEL Corporation T48C893 Datasheet HTML 19Page - ATMEL Corporation T48C893 Datasheet HTML 20Page - ATMEL Corporation T48C893 Datasheet HTML 21Page - ATMEL Corporation T48C893 Datasheet HTML 22Page - ATMEL Corporation T48C893 Datasheet HTML 23Page - ATMEL Corporation T48C893 Datasheet HTML 24Page - ATMEL Corporation T48C893 Datasheet HTML 25Page - ATMEL Corporation T48C893 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
22 (82)
Table 6 Peripheral addresses
Port Address
Name
Write
/Read
Reset Value
Register Function
Module
Type
See
Page
1
P1DAT
W/R
1xx1b
Port 1 – data register / input data
M3
22
2
P2DAT
W/R
1111b
Port 2 – data register / pin data
M2
23
Aux.
P2CR
W
1111b
Port 2 – control register
23
3
SC
W
1x11b
Port 3 – system configuration register
M3
19
CWD
R
xxxxb
Watchdog reset
M3
29
Aux.
CM
W/R
1111b
Port 3 – clock management register
M2
18
4
P4DAT
W/R
1111b
Port 4 – data register / pin data
M2
26
Aux.
P4CR
W
1111 1111b
Port 4 – control register (byte)
26
5
P5DAT
W/R
1111b
Port 5 – data register / pin data
M2
25
Aux.
P5CR
W
1111 1111b
Port 5 – control register (byte)
25
6
P6DAT
W/R
1xx1b
Port 6 – data register / pin data
M2
27
Aux
P6CR
W
1111b
Port 6 – control register (byte)
27
7
T12SUB
W
––––
Data to Timer 1/2 subport
M1
20
Subport address
0
T2C
W
0000b
Timer 2 control register
M1
37
1
T2M1
W
1111b
Timer 2 mode register 1
M1
38
2
T2M2
W
1111b
Timer 2 mode register 2
M1
39
3
T2CM
W
0000b
Timer 2 compare mode register
M1
40
4
T2CO1
W
1111b
Timer 2 compare register 1
M1
40
5
T2CO2
W
1111 1111b
Timer 2 compare register 2 (byte)
M1
40
6
––––
––––
––––
Reserved
7
––––
––––
––––
Reserved
8
T1C1
W
1111b
Timer 1 control register 1
M1
30
9
T1C2
W
x111b
Timer 1 control register 2
M1
30
A
WDC
W
1111b
Watchdog control register
M1
31
B-F
Reserved
8
ASW
W
1111b
Auxiliary / switch register
ASW
20
9
STB
W
xxxx xxxxb
Serial transmit buffer (byte)
M2
60
SRB
R
xxxx xxxxb
Serial receive buffer (byte)
61
Aux.
SIC1
W
1111b
Serial interface control register 1
59
A
SISC
W/R
1x11b
Serial interface status / control register
M2
60
Aux.
SIC2
W
1111b
Serial interface control register 2
59
B
T3SUB
W/R
––––
Data to / from Timer 3 subport
M1
20
Subport address
0
T3M
W
1111b
Timer 3 mode register
M1
48
1
T3CS
W
1111b
Timer 3 clock select register
M1
49
2
T3CM1
W
0000b
Timer 3 compare mode register 1
M1
50
3
T3CM2
W
0000b
Timer 3 compare mode register 2
M1
50
4
T3CO1
W
1111 1111b
Timer 3 compare register 1 (byte)
M1
51
4
T3CP
R
xxxx xxxxb
Timer 3 capture register (byte)
M1
51
5
T3CO2
W
1111 1111b
Timer 3 compare register 2 (byte)
M1
51
6
W
1111b
Reserved
7–F
––––
Reserved
C
T3C
W
0000b
Timer 3 control register
M3
48
T3ST
R
x000b
Timer 3 status register
M3
49
D
–––
––––
Reserved
E
–––
––––
Reserved
F
VMC
W
1111b
Voltage monitor control register
M3
15
VMST
R
xx11b
Voltage monitor status register
M3
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com