Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 67Page - ATMEL Corporation T48C893 Datasheet HTML 68Page - ATMEL Corporation T48C893 Datasheet HTML 69Page - ATMEL Corporation T48C893 Datasheet HTML 70Page - ATMEL Corporation T48C893 Datasheet HTML 71Page - ATMEL Corporation T48C893 Datasheet HTML 72Page - ATMEL Corporation T48C893 Datasheet HTML 73Page - ATMEL Corporation T48C893 Datasheet HTML 74Page - ATMEL Corporation T48C893 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
71 (82)
Combination mode 12: Burst modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 2 output mode 2:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 1/6: Timer 2 compare match toggles (TOG2) to the SSI
Timer 3 mode 7:
Carrier frequency burst modulation controlled by the internal output (SO) of SSI
The Timer 3 counter is driven by an internal or external clock source. Its compare- and compare mode registers must
be programmed to generate the carrier frequency with the output toggle flip-flop (M3). The internal data output (SO)
of the SSI is used to enable and disable the Timer 3 output. The SSI can by supplied with the toggle signal of Timer 2.
01 0 123 450 1 0 1 2 3 4 50 1 0 1 2 345 010 1
5 010 1
5 01 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
5 0 1 0 1
30
1
2
3
3
0
1
3
2
CL3
Counter 3
CM31
CM32
TOG3
M3
Counter 2/2
TOG2
SO
T3O
13882
Figure 84. Burst modulation 2
Combination mode 13: FSK modulation
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 2 output mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 1/6: Timer 2 4-bit compare match signal (POUT) to the SSI
Timer 3 mode 8:
FSK modulation with shift register data output (SO)
The two compare registers are used to generate two different time intervals. The SSI data output selects which compare
register is used for the output frequency generation. A ’0’ level at the SSI data output enables the compare register 1
and an ’1’ level enables the compare register 2. The both compare- and compare mode registers must be programmed
to generate the two frequencies via the output toggle flip-flop. The SSI can be supplied with the toggle signal of Timer 2
or any other clock source. The Timer 3 counter is driven by an internal or external clock source.
01234012340123
Counter 3
CM31
CM32
SO
13815
401201201201201201201 20123
T3R
40
T3O
1
01
0
Figure 85. FSK modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com