Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 14Page - ATMEL Corporation T48C893 Datasheet HTML 15Page - ATMEL Corporation T48C893 Datasheet HTML 16Page - ATMEL Corporation T48C893 Datasheet HTML 17Page - ATMEL Corporation T48C893 Datasheet HTML 18Page - ATMEL Corporation T48C893 Datasheet HTML 19Page - ATMEL Corporation T48C893 Datasheet HTML 20Page - ATMEL Corporation T48C893 Datasheet HTML 21Page - ATMEL Corporation T48C893 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
18 (82)
The clock module generates two output clocks. One is the
system clock (SYSCL) and the other the periphery
(SUBCL). The SYSCL can supply the core and the
peripherals and the SUBCL can supply only the
peripherals with clocks. The modes for clock sources are
programmable with the OS1-bit and OS0-bit in the SC-
register and the CCS-bit in the CM-register.
3.5.2
Oscillator Circuits and External
Clock Input Stage
The T48C893 series consists of four different internal os-
cillators:
two
RC-oscillators,
one
4-MHz
crystal
oscillator, one 32-kHz crystal oscillator and one external
clock input stage.
RC-Oscillator 1 Fully Integrated
For timing insensitive applications, it is possible to use
the fully integrated RC oscillator 1. It operates without
any external components and saves additional costs. The
RC–oscillator 1 center frequency tolerance is better than
±50% over the full temperature and voltage range. The
basic center frequency of the RC-oscillator 1 is
fO
[4.0 MHz The RC oscillator 1 is selected by default
after power–on reset.
RC
oscillator 1
RcOut1
Stop
Control
RcOut1
Osc–Stop
13758
Figure 15. RC-oscillator 1
External Input Clock
The OSC1 can be driven by an external clock source
provided it meets the specified duty cycle, rise and fall
times and input levels. Additionally the external clock
stage contains a supervisory circuit for the input clock.
The supervisor function is controlled via the OS1,
OS0-bit in the SC–register and the CCS–bit in the CM-
register. If the external input clock is missing for more
than 1 ms and CCS = 0 is set in the CM-register, the
supervisory circuit generates a hardware reset..
Ext. input clock
ExOut
Stop
Ext.
Clock
RcOut1
Osc–Stop
13759
ExIn
CCS
Res
OSC1
OSC2
Clock monitor
Figure 16. External input clock
OS1
OS0
CCS
Supervisor Reset Output
(Res)
1
1
0
enable
1
1
1
disable
x
0
x
disable
RC-Oscillator 2 with External Trimming
Resistor
The RC-oscillator 2 is a high resolution trimmable
oscillator whereby the oscillator frequency can be
trimmed with an external resistor between OSC1 and
VDD. In this configuration, the RC-oscillator 2 frequency
can be maintained stable to within a tolerance of
± 15%
over the full operating temperature and a voltage range
VDD from 2.5 V to 6.0 V.
For example: An output frequency at the RC-oscillator 2
of 2 MHz, can be obtained by connecting a resistor
Rext = 360 k
Ω (see figures 17).
RC
oscillator 2
RcOut2
Stop
RcOut2
Osc–Stop
13760
R
Trim
OSC1
OSC2
R
ext
V
DD
Figure 17. RC-oscillator 2
4-MHz Oscillator
The T48C893 4-MHz oscillator options need a crystal or
ceramic resonator connected to the OSC1 and OSC2 pins
to establish oscillation. All the necessary oscillator
circuitry, with the exception of the actual crystal,
resonator, C3 and C4 are integrated on-chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com