Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 27Page - ATMEL Corporation T48C893 Datasheet HTML 28Page - ATMEL Corporation T48C893 Datasheet HTML 29Page - ATMEL Corporation T48C893 Datasheet HTML 30Page - ATMEL Corporation T48C893 Datasheet HTML 31Page - ATMEL Corporation T48C893 Datasheet HTML 32Page - ATMEL Corporation T48C893 Datasheet HTML 33Page - ATMEL Corporation T48C893 Datasheet HTML 34Page - ATMEL Corporation T48C893 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
31 (82)
Timer 1 Control Register 1 (T1C1)
Address: ’7’hex – Subaddress: ’8’hex
Bit 3 *
Bit 2
Bit 1
Bit 0
T1C1
T1RM
T1C2
T1C1
T1C0
Reset value: 1111b
* Bit 3 –> MSB, Bit 0 –> LSB
T1RM
Timer 1 Restart Mode
T1RM = 0, write access without Timer 1 restart
T1RM = 1, write access with Timer 1 restart
Note: if WDL = 0, Timer 1 restart is impossible
T1C2
Timer 1 Control bit 2
T1C1
Timer 1 Control bit 1
T1C0
Timer 1 Control bit 0
The three bits T1C[2:0] select the divider for timer 1. The
resulting time interval depends on this divider and the
timer 1 input clock source. The timer input can be sup-
plied by the system clock, the 32kHz oscillator or via the
clock management. If the clock management generates
the SUBCL, the selected input clock from the RC oscilla-
tor, 4MHz oscillator or an external clock is divided by 16.
T1C2
T1C1
T1C0
Divider
Time Interval with
SUBCL
Time Interval with
SUBCL = 32 kHz
Time Interval with
SYSCL = 2/1 MHz
0
0
0
2
SUBCL / 2
61
µs
1
µs / 2 µs
0
0
1
4
SUBCL / 4
122
µs
2
µs / 4 µs
0
1
0
8
SUBCL / 8
244
µs
4
µs / 8 µs
0
1
1
16
SUBCL / 16
488
µs
8
µs / 16 µs
1
0
0
32
SUBCL / 32
0.977 ms
16
µs / 32 µs
1
0
1
256
SUBCL / 256
7.812 ms
128
µs / 256 µs
1
1
0
2048
SUBCL / 2048
62.5 ms
1024
µs / 2048 µs
1
1
1
16384
SUBCL / 16384
500 ms
8192
µs / 16384 µs
Timer 1 Control Register 2 (T1C2)
Address: ’7’hex – Subaddress: ’9’hex
Bit 3 *
Bit 2
Bit 1
Bit 0
T1C2
– – –
T1BP
T1CS
T1IM
Reset value: x111b
* Bit 3 –> MSB, Bit 0 –> LSB
T1BP
Timer 1 SUBCL ByPassed
T1BP = 1, TIOUT = T1MUX
T1BP = 0, T1OUT = SUBCL
T1CS
Timer 1 input Clock Select
T1CS = 1, CL1 = SUBCL (see figure 28)
T1CS = 0, CL1 = SYSCL (see figure 28)
T1IM
Timer 1 Interrupt Mask
T1IM = 1, disables Timer 1 interrupt
T1IM = 0, enables Timer 1 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com