Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 42Page - ATMEL Corporation T48C893 Datasheet HTML 43Page - ATMEL Corporation T48C893 Datasheet HTML 44Page - ATMEL Corporation T48C893 Datasheet HTML 45Page - ATMEL Corporation T48C893 Datasheet HTML 46Page - ATMEL Corporation T48C893 Datasheet HTML 47Page - ATMEL Corporation T48C893 Datasheet HTML 48Page - ATMEL Corporation T48C893 Datasheet HTML 49Page - ATMEL Corporation T48C893 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
46 (82)
Timer 3 – Mode 7: Carrier Frequency Burst Modulation Controlled by SSI Internal Output (SO)
The Timer 3 counter is driven by an internal or external clock source. Its compare– and compare mode registers must
be programmed to generate the carrier frequency via the output toggle flip-flop. The output (SO) of the SSI is used
to enable or disable the Timer 3 output. The SSI should be supplied with the toggle signal of Timer 2 (see combination
mode 12).
Timer 3 – Mode 8: FSK Modulation with Shift Register Data (SO)
The two compare registers are used for generating two different time intervals. The SSI internal data output (SO) selects
which compare register is used for the output frequency generation. A ’0’ level at the SSI data output enables the
compare register 1. An ’1’ level enables compare register 2. The both compare- and compare mode registers must be
programmed to generate the two frequencies via the output toggle flip-flop. The SSi can be supplied with the toggle
signal of Timer 2. The Timer 3 counter is driven by an internal or external clock source. The Timer 2 counter is driven
by the Counter 3 (TOG3) (see also combination mode 13).
01234012340123
Counter 3
CM31
CM32
SO
13815
401201201201201201201 20123
T3R
40
T3O
1
01
0
Figure 51. FSK modulation
Timer 3 – Mode 9: Pulse-Width Modulation with the Shift Register
The two compare registers are used for generating two different time intervals. The SSI internal data output (SO) selects
which compare register is used for the output pulse generation. In this mode both compare- and compare mode registers
must be programmed for generating the two pulse widths. It is also useful to enable the single-action mode for extreme
duty cycles. Timer 2 is used as baudrate generator and for the trigger restart of Timer 3. The SSI must be supplied with
a toggle signal of Timer 2. The counter is driven by an internal or external clock source (see combination mode 7).
0000 00000
000 0
Counter 3
CM31
CM32
T3O
13816
000001 2345 6789 1011121314150 12345
TOG2
67 8
1
91112
10
14
13
0
2 3
14
15
0
0
01
SIR
SO
SCO
T3R
Figure 52. Pulse-width modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com