Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 10Page - ATMEL Corporation T48C893 Datasheet HTML 11Page - ATMEL Corporation T48C893 Datasheet HTML 12Page - ATMEL Corporation T48C893 Datasheet HTML 13Page - ATMEL Corporation T48C893 Datasheet HTML 14Page - ATMEL Corporation T48C893 Datasheet HTML 15Page - ATMEL Corporation T48C893 Datasheet HTML 16Page - ATMEL Corporation T48C893 Datasheet HTML 17Page - ATMEL Corporation T48C893 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
14 (82)
Reset
timer
V
DD
CL
Power–on
reset
Internal
reset
res
CL=SYSCL/4
V
DD
V
SS
Brown–out
detection
V
DD
V
SS
Watch–
dog
CWD
res
Ext. clock
supervisor
ExIn
Pull-up
NRST
13752
Figure 9. Reset configuration
3.3.1
Power-on Reset and Brown-out
Detection
The T48C893 has a fully integrated power-on reset and
brown-out detection circuitry. For reset generation no ex-
ternal components are needed .
These circuits ensure that the core is held in the reset state
until the minimum operating supply voltage has been
reached. A reset condition will also be generated should
the supply voltage drop momentarily below the minimum
operating level except when a power down mode is
activated (the core is in SLEEP mode and the peripheral
clock is stopped). In this power-down mode the brown-
out detection is disabled.
Two values for the brown-out voltage threshold are
programmable via the BOT-bit in the SC-register.
V
DD
CPU
Reset
t
BOT = ’1’
2.0 V
1.7 V
CPU
Reset
BOT = ’0’
t
d
t
d
t
d
= 1.5 ms (typically)
t
d
13753
BOT = 1, low brown-out voltage threshold. (1.7 V) is reset value.
BOT = 0, high brown-out voltage threshold (2.0 V).
Figure 10. Brown-out detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com