Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 45Page - ATMEL Corporation T48C893 Datasheet HTML 46Page - ATMEL Corporation T48C893 Datasheet HTML 47Page - ATMEL Corporation T48C893 Datasheet HTML 48Page - ATMEL Corporation T48C893 Datasheet HTML 49Page - ATMEL Corporation T48C893 Datasheet HTML 50Page - ATMEL Corporation T48C893 Datasheet HTML 51Page - ATMEL Corporation T48C893 Datasheet HTML 52Page - ATMEL Corporation T48C893 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
49 (82)
Timer 3 Registers
Timer 3 Mode Register (T3M)
Address: ’B’hex – Subaddress: ’0’hex
Bit 3
Bit 2
Bit 1
Bit 0
T3M
T3M3
T3M2
T3M1
T3M0
Reset value: 1111b
T3M3
Timer 3 Mode select bit 3
T3M2
Timer 3 Mode select bit 2
T3M1
Timer 3 Mode select bit 1
T3M0
Timer 3 Mode select bit 0
Mode
T3M3
T3M2
T3M1
T3M0
Timer 3 Modes
1
1
1
1
1
Timer / counter with a read access
2
1
1
1
0
Timer / counter, external capture & external trigger restart
mode (T3I)
3
1
1
0
1
Timer / counter, internal capture & internal trigger restart
mode (TOG2)
4
1
1
0
0
Timer / counter mode 1 without output
(T2O –> T3O)
5
1
0
1
1
Timer / counter mode 2 without output
(T2O –> T3O)
6
1
0
1
0
Burst modulation with Timer 2 (M2)
7
1
0
0
1
Burst modulation with shift register (SO)
8
1
0
0
0
FSK modulation with shift register (SO)
9
0
1
1
1
Pulse-width modulation with shift register (SO) & Timer 2
(TOG2), internal trigger restart (SCO) –> counter reset
10
0
1
1
0
Manchester demodulation / pulse-width demodulation *
(T2O –> T3O)
11
0
1
0
1
Biphase demodulation *
(T2O –> T3O)
12
0
1
0
0
Timer / counter with external capture mode (T3I)
13
0
0
1
1
Not allowed
14
0
0
1
0
Not allowed
15
0
0
0
1
Not allowed
16
0
0
0
0
Not allowed
* In this mode, the SSI can be used only as demodulator (8-bit NRZ rising edge). All other SSI modes are not allowed.
Timer 3 Control Register 1 (T3C) Write
Primary register address: ’C’hex – Write
Bit 3
Bit 2
Bit 1
Bit 0
T3C
Write
T3EIM
T3TOP
T3TS
T3R
Reset value: 0000b
T3EIM
Timer 3 Edge Interrupt Mask
T3EIM = 0, disables the interrupt when an edge event for Timer 3 occurs (T3I)
T3EIM = 1, enables the interrupt when an edge event for Timer 3 occurs (T3I)
T3TOP
Timer 3 Toggle Output Preset
T3TOP = 0, sets toggle output (M3) to ’0’
T3TOP = 1, sets toggle output (M3) to ’1’
Note: If T3R = 1, no output preset is possible
T3TS
Timer 3 Toggle with Start
T3TS = 0, Timer 3 output is not toggled during the start
T3TS = 1, Timer 3 output is toggled if it is started with T3R
T3R
Timer 3 Run
T3R = 0, Timer 3 stop and reset
T3R = 1, Timer 3 run



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com