Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 23Page - ATMEL Corporation T48C893 Datasheet HTML 24Page - ATMEL Corporation T48C893 Datasheet HTML 25Page - ATMEL Corporation T48C893 Datasheet HTML 26Page - ATMEL Corporation T48C893 Datasheet HTML 27Page - ATMEL Corporation T48C893 Datasheet HTML 28Page - ATMEL Corporation T48C893 Datasheet HTML 29Page - ATMEL Corporation T48C893 Datasheet HTML 30Page - ATMEL Corporation T48C893 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
27 (82)
4.2.4
Bidirectional Port 4
The bidirectional Port 4 is both a bitwise configurable I/O
port and provides the external pins for the Timer 2, SSI
and the voltage monitor input (VMI). As a normal port,
it performs in exactly the same way as bidirectional Port 2
(see figure 26). Two additional multiplexes allow data
and port direction control to be passed over to other inter-
nal modules (Timer 2, VM or SSI). The I/O-pins for SC
and SD line have an additional mode to generate an SSI–
interrupt.
All four Port 4 pins can be individually switched by the
P4CR–register . Figure 26 shows the internal interfaces to
bidirectional Port 4.
Master reset
Q
V
DD
VDD
BPxy
Mask options
*
*
PxDATy
I/O Bus
D
I/O Bus
I/O Bus
*
*
Switched
Switched
*
*
S
PxCRy
S
Q
D
PxMRy
POut
(Direction)
PDir
Intx
*
*
PIn
VDD
Static
Pull-up
Static
Pull-down
pull-up
pull-down
Figure 26. Bidirectional Port 4 and Port 6
Port 4 Data Register (P4DAT)
Primary register address: ’4’hex
Bit 3
Bit 2
Bit 1
Bit 0
P4DAT
P4DAT3
P4DAT2
P4DAT1
P4DAT0
Reset value: 1111b
Port 4 Control Register (P4CR) Byte Write
Auxiliary register address: ’4’hex
Bit 3
Bit 2
Bit 1
Bit 0
P4CR
First write cycle
P41M2
P41M1
P40M2
P40M1
Reset value: 1111b
Bit 7
Bit 6
Bit 5
Bit 4
Second write cycle
P43M2
P43M1
P42M2
P42M1
Reset value: 1111b
P4xM2, P4xM1 – Port 4x Interrupt mode/direction code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com