Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 9Page - ATMEL Corporation T48C893 Datasheet HTML 10Page - ATMEL Corporation T48C893 Datasheet HTML 11Page - ATMEL Corporation T48C893 Datasheet HTML 12Page - ATMEL Corporation T48C893 Datasheet HTML 13Page - ATMEL Corporation T48C893 Datasheet HTML 14Page - ATMEL Corporation T48C893 Datasheet HTML 15Page - ATMEL Corporation T48C893 Datasheet HTML 16Page - ATMEL Corporation T48C893 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
13 (82)
Table 2 Interrupt priority table
Interrupt
Priority
ROM Address
Interrupt Opcode
Function
INT0
lowest
040h
C8h (SCALL 040h)
Software interrupt (SWI0)
INT1
|
080h
D0h (SCALL 080h)
External hardware interrupt, any edge at BP52
or BP53
INT2
|
0C0h
D8h (SCALL 0C0h)
Timer 1 interrupt
INT3
|
100h
E8h (SCALL 100h)
SSI interrupt or external hardware interrupt at
BP40 or BP43
INT4
|
140h
E8h (SCALL 140h)
Timer 2 interrupt
INT5
|
180h
F0h (SCALL 180h)
Timer 3 interrupt
INT6
↓
1C0h
F8h (SCALL 1C0h)
External hardware interrupt, at any edge at
BP50 or BP51
INT7
highest
1E0h
FCh (SCALL 1E0h)
Voltage monitor (VM) interrupt
Table 3 Hardware interrupts
Interrupt
Interrupt Mask
Interrupt Source
Register
Bit
INT1
P5CR
P52M1, P52M2
P53M1, P53M2
Any edge at BP52
any edge at BP53
INT2
T1M
T1IM
Timer 1
INT3
SISC
SIM
SSI buffer full / empty or BP40/BP43 interrupt
INT4
T2CM
T2IM
Timer 2 compare match / overflow
INT5
T3CM1
T3CM2
T3C
T3IM1
T3IM2
T3EIM
Timer 3 compare register 1 match
Timer 3 compare register 2 match
Timer 3 edge event occurs (T3I)
INT6
P5CR
P50M1, P50M2
P51M1, P51M2
Any edge at BP50,
any edge at BP51
INT7
VCM
VIM
External / internal voltage monitoring
Software Interrupts
The programmer can generate interrupts by using the
software interrupt instruction (SWI) which is supported
in qFORTH by predefined macros named SWI0...SWI7.
The software triggered interrupt operates exactly like any
hardware triggered interrupt. The SWI instruction takes
the top two elements from the expression stack and writes
the corresponding bits via the I/O bus to the interrupt
pending register. Therefore, by using the SWI instruction,
interrupts can be re-prioritized or lower priority processes
scheduled for later execution.
Hardware Interrupts
In the T48C893, there are eleven hardware interrupt
sources with seven different levels. Each source can be
masked individually by mask bits in the corresponding
control registers. An overview of the possible hardware
configurations is shown in table 4.
3.3
Master Reset
The master reset forces the CPU into a well-defined
condition. It is unmaskable and is activated independent
of the current program state. It can be triggered by either
initial supply power-up, a short collapse of the power sup-
ply, brown-out detection circuitry, watchdog time-out, or
an external input clock supervisor stage (see figure 9). A
master reset activation will reset the interrupt enable flag,
the interrupt pending register and the interrupt active
register. During the power-on reset phase the I/O bus con-
trol signals are set to ’reset mode’ thereby initializing all
on-chip peripherals. All bidirectional ports are set to input
mode.
Attention: During any reset phase, the BP20/NTE input
is driven towards VDD by a strong pull-up transistor.
Releasing the reset results in a short call instruction
(opcode C1h) to the EEPROM address 008h. This acti-
vates the initialization routine $RESET which in turn has
to initialize all necessary RAM variables, stack pointers
and peripheral configuration registers (see table 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com