Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 19Page - ATMEL Corporation T48C893 Datasheet HTML 20Page - ATMEL Corporation T48C893 Datasheet HTML 21Page - ATMEL Corporation T48C893 Datasheet HTML 22Page - ATMEL Corporation T48C893 Datasheet HTML 23Page - ATMEL Corporation T48C893 Datasheet HTML 24Page - ATMEL Corporation T48C893 Datasheet HTML 25Page - ATMEL Corporation T48C893 Datasheet HTML 26Page - ATMEL Corporation T48C893 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
23 (82)
4.2
Bidirectional Ports
With the exception of Port 1 and Port 6, all other ports (2,
4 and 5) are 4 bits wide. Port 1 and Port 6 have a data width
of 2 bits (bit 0 and bit 3). All ports may be used for data
input or output. All ports are equipped with Schmitt trig-
ger inputs and a variety of mask options for open drain,
open source, full complementary outputs, pull up and pull
down transistors. All Port Data Registers (PxDAT) are I/O
mapped to the primary address register of the respective
port address and the Port Control Register (PxCR), to the
corresponding auxiliary register.
There are five different directional ports available:
Port 1
2-bit wide bidirectional ports with automatic full
bus width direction switching.
Port 2
4-bit wide bitwise-programmable I/O port.
Port 5
4-bit wide bitwise-programmable bidirectional
port with optional strong pull-ups and program-
mable interrupt logic.
Port 4
4-bit wide bitwise-programmable bidirectional
port also provides the I/O interface to Timer 2,
SSI, voltage monitor input and external interrupt
input.
Port 6
2-bit wide bitwise-programmable bidirectional
port also provides the I/O interface to Timer 3
and external interrupt input.
4.2.1
Bidirectional Port 1
In Port 1 the data direction register is not independently
software programmable, the direction of the complete
port
being
switched
automatically when an I/O
instruction occurs (see figure 22). The port is switched to
output mode via an OUT instruction and to input via an
IN instruction. The data written to a port will be stored
into the output data latches and appears immediately at
the port pin following the OUT instruction. After RESET
all output latches are set to ’1’ and the port is switched to
input mode. An IN instruction reads the condition of the
associated pins.
Note:
Care must be taken when switching the bidirectional port
from output to input. The capacitive pin loading at this
port in conjunction with the high resistance pull-ups may
cause the CPU to read the contents of the output data
register rather than the external input state. To avoid this,
one should use either of the following programming
techniques:
Use two IN-instructions and DROP the first data
nibble. The first IN switches the port from output
to input and the DROP removes the first invalid
nibble. The second IN reads the valid pin state.
Use an OUT-instruction followed by an IN–
instruction.
Via
the
OUT-instruction,
the
capacitive load is charged or discharged depend-
ing
on the optional pull-up / pull-down
configuration. Write a ”1” for pins with pull-up
resistors and a ”0” for pins with pull-down
resistors.
OUT
IN
Reset
I/O Bus
D
R
S
Q
Q
NQ
R
Master reset
P1DATy
(Data out)
(Direction)
BP1y
VDD
*
Switched
*
Switched
*
*
*
*) Mask options
VDD
Static
pull-up
Static
pull-down
pull-up
pull–down
Figure 22. Bidirectional Port 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com