Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 70Page - ATMEL Corporation T48C893 Datasheet HTML 71Page - ATMEL Corporation T48C893 Datasheet HTML 72Page - ATMEL Corporation T48C893 Datasheet HTML 73Page - ATMEL Corporation T48C893 Datasheet HTML 74Page - ATMEL Corporation T48C893 Datasheet HTML 75Page - ATMEL Corporation T48C893 Datasheet HTML 76Page - ATMEL Corporation T48C893 Datasheet HTML 77Page - ATMEL Corporation T48C893 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
74 (82)
5.1.1
EEPROM
The EEPROM has a size of 2
512 bits and is organized
as 32 x 16-bit matrix each. To read and write data to and
from the EEPROM the serial interface must be used. The
interface supports one and two byte write accesses and
one to n-byte read accesses to the EEPROM.
EEPROM – Operating Modes
The operating modes of the EEPROM are defined via the
control byte. The control byte contains the row address,
the mode control bits and the read/not-write bit that is
used to control the direction of the following transfer. A
”0” defines a write access and a ”1” a read access. The
five address bits select one of the 32 rows of the EEPROM
memory to be accessed. For all accesses the complete
16-bit word of the selected row is loaded into a buffer. The
buffer must be read or overwritten via the serial interface.
The two mode control bits C1 and C2 define in which or-
der the accesses to the buffer are performed: High byte –
low byte or low byte – high byte. The EEPROM also sup-
ports autoincrement and autodecrement read operations.
After sending the start address with the corresponding
mode, consecutive memory cells can be read row by row
without transmission of the row addresses.
Two
special
control
bytes
enable
the
complete
initialization of EEPROM with ”0” or with ”1.
Write Operations
The EEPROM permits 8-bit and 16-bit write operations.
A write access starts with the START condition followed
by a write control byte and one or two data bytes from the
master. It is completed via the STOP condition from the
master after the acknowledge cycle.
The programming cycle consists of an erase cycle (write
”zeros”) and the write cycle (write ”ones”). Both cycles
together take about 10 ms.
Acknowledge Polling
If the EEPROM is busy with an internal write cycle, all
inputs
are disabled and the EEPROM will not
acknowledge until the write cycle is finished. This can be
used to detect the end of the write cycle. The master must
perform acknowledge polling by sending a start condition
followed by the control byte. If the device is still busy
with the write cycle, it will not return an acknowledge and
the master has to generate a stop condition or perform fur-
ther acknowledge polling sequences. If the cycle is
complete, it returns an acknowledge and the master can
proceed with the next read or write cycle.
Write One Data Byte
Start
Control byte
A
Data byte 1
A
Stop
Write Two Data Bytes
Start
Control byte
A
Data byte 1
A
Data byte 2
A
Stop
Write Control Byte Only
Start
Control byte
A
Stop
Write Control Bytes
MSB
LSB
Write low byte first
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
0
1
0
Byte order
LB(R)
HB(R)
MSB
LSB
Write high byte first
A4
A3
A2
A1
A0
C1
C0
R/NW
Row address
1
0
0
Byte order
HB(R)
LB(R)
A –> acknowledge; HB: high byte; LB: low byte; R: row address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com