Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 2Page - ATMEL Corporation T48C893 Datasheet HTML 3Page - ATMEL Corporation T48C893 Datasheet HTML 4Page - ATMEL Corporation T48C893 Datasheet HTML 5Page - ATMEL Corporation T48C893 Datasheet HTML 6Page - ATMEL Corporation T48C893 Datasheet HTML 7Page - ATMEL Corporation T48C893 Datasheet HTML 8Page - ATMEL Corporation T48C893 Datasheet HTML 9Page - ATMEL Corporation T48C893 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
T48C893
Rev. A4, 22-Jan-02
6 (82)
Ordering Information
Extended Type Number
Package
Remarks
T48C893–TK
SSO20
Tube
T48C893–TKQ
SSO20
Taped and reeled
1
Introduction
The T48C893 is a member of Atmels family of 4-bit
single-chip microcontrollers. Instead of ROM it contains
EEPROM, RAM, parallel I/O ports, two 8-bit program-
mable multifunction timer/counters, voltage supervisor,
interval timer with watchdog function and a sophisticated
on-chip clock generation with integrated RC-, 32-kHz
crystal- and 4-MHz crystal-oscillators.
2
Differences between
T48C893 and M44Cx90/x92
2.1
Program Memory
The program memory of the MTP devices is realized as
an EEPROM. The memory size for user programs is
4096 Bytes. It is programmed as 258
16 Byte blocks of
data. The implemented LOCK-bit function is user select-
able and protects the device from unauthorized read-out
of the program memory.
2.2
Configuration Memory
An additional area of 32 Bytes of the EEPROM is used to
store information about the hardware configuration. All
the options that are selectable for the ROM versions are
available to the user. This includes not only the different
port options but also the possibilities to select different ca-
pacitors for OSC1 and OSC2, the option to enable or
disable the hardlock for the watchdog, the option to select
OSC2 instead of OSC1 as external clock input and the op-
tion to enable the external clock monitor as a reset source.
2.3
Data Memory
The T48C893 contains an internal data EEPROM that is
organized as two pages of 32
16 bit. To be compatible
with the ROM parts, the page used has to be defined
within the application software by writing the I2C-com-
mand “09h” to the EEPROM. This command has no
effect for the M44Cx90/x92 if it is left inside the HEX-file
for the ROM version. Also for compatibility reasons the
access to the EEPROM is handled via the MCL (serial in-
terface) as in the corresponding ROM parts.
2.4
Reset Function
During each reset (power-on or brown-out) the I/O-con-
figuration is deleted and reloaded with the data from the
configuration memory. This leads to a slightly different
behavior compared to the ROM versions. Both devices
switch their I/Os to input during reset but the ROM part
has the mask selected pull-up or pull-down resistors ac-
tive while the MTP has them removed until the download
is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com