Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C893 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # T48C893
Description  The multiple times programmable (MTP) version for the MARC4 ROM types
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C893 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button T48C893 Datasheet HTML 59Page - ATMEL Corporation T48C893 Datasheet HTML 60Page - ATMEL Corporation T48C893 Datasheet HTML 61Page - ATMEL Corporation T48C893 Datasheet HTML 62Page - ATMEL Corporation T48C893 Datasheet HTML 63Page - ATMEL Corporation T48C893 Datasheet HTML 64Page - ATMEL Corporation T48C893 Datasheet HTML 65Page - ATMEL Corporation T48C893 Datasheet HTML 66Page - ATMEL Corporation T48C893 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
T48C893
T48C893
Rev. A4, 22-Jan-02
63 (82)
Combination mode 1: Burst modulation
SSI mode 1:
8-bit NRZ and internal data SO output to the Timer 2 modulator stage
Timer 2 mode 1, 2, 3 or 4: 8-bit compare counter with 4-bit programmable prescaler and DCG
Timer 2 output mode 3:
Duty cycle burst generator
1 20120 12012 0120 12012 0120 12012 0120 1201 201
DCGO
Counter 2
TOG2
SO
T2O
Counter = compare register (=2)
13785
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Figure 69. Carrier frequency burst modulation with the SSI internal data output
Combination mode 2: Biphase modulation 1
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2 modulator stage
Timer 2 mode 1, 2, 3 or 4: 8-bit compare counter with 4-bit programmable prescaler
Timer 2 output mode 4:
The modulator 2 of Timer 2 modulates the SSI internal data output to Biphase code
TOG2
SC
SO
T2O
00
0
0
00
11
0
101
1
111
8-bit SR-data
Bit 7
Bit 0
13786
Data: 00110101
Figure 70. Biphase modulation 1
Combination mode 3: Manchester modulation 1
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2 modulator stage
Timer 2 mode 1, 2, 3 or 4: 8-bit compare counter with 4-bit programmable prescaler
Timer 2 output mode 5:
The modulator 2 of Timer 2 modulates the SSI internal data output to Manchester code
TOG2
SC
SO
T2O
00
0
00
11
0
101
11
1
1
8-bit SR-data
Bit 7
Bit 0
13787
0
Bit 7
Bit 0
Data: 00110101
Figure 71. Manchester modulation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com