Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 11Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 12Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 13Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 14Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 15Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 16Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 17Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 18Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 82 page
background image
15
15
retransmitting another message (usually another
INVITATION TO TRANSMIT).
Reconfiguration Time (ET1, ET2)
If any node does not receive the token within the
Reconfiguration
Time,
it
will
initiate
a
NETWORK RECONFIGURATION. The ET2 and
ET1 bits of the Configuration Register allow the
network to operate over longer distances than
the 4 miles stated earlier.
The logic levels on
these bits control the maximum distances over
which the COM20051 can operate by controlling
the three timeout values described above. For
proper network operation, all nodes connected to
the
same
network
must
have
the
same
Response Time, Idle Time, and Reconfiguration
Time.
LINE PROTOCOL
The
ARCNET
line
protocol
is
considered
isochronous because each byte is preceded by a
start interval and ended with a stop interval.
Unlike
asynchronous
protocols,
there
is
a
constant amount of time separating each data
byte. Each byte takes exactly 11 clock intervals
that are defined by nPULSE1 and nPULSE2
signals (at 2.5 Mbps one byte takes 4.4 ms). As
a result a time to transmit a message can be
precisely determined.
The line
idles in a
spacing (logic "0") condition.
A logic "0" is
defined as no line activity and a logic "1" is
defined as a negative
pulse
of
200nS
duration.
A transmission starts with an
ALERT BURST consisting of 6 unit intervals of
mark (logic "1").
Eight bit data characters are
then sent, with each character preceded by 2
unit intervals of mark and one unit interval of
space.
Five types of transmission can be
performed as described below:
Invitations To Transmit (ITT)
An Invitation To Transmit is used to pass the
token from one node to another and is sent by
the following sequence:
• An ALERT BURST
• An ITT (Invitation To Transmit: ASCII code
04H)
• Two (repeated) DID (Destination ID)
characters
ALERT
BURST
ITT
DID
DID
Free Buffer Enquiries (FBE)
A Free Buffer Enquiry is used to ask another
node if it is able to accept a packet of data. It is
sent by the following sequence:
• An ALERT BURST
• An FBE - Free Buffer Enquiry: ASCII code
85H)
• Two (repeated) DID (Destination ID)
characters
ALERT
BURST
FBE
DID
DID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com