Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 55Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 56Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 57Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 58Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 59Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 60Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 61Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 62Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
59
59
Upon entering the ISR, the status register is read
and the TMA bit is checked. If the TMA bit is not
set, then the action as described above is taken.
If TMA is good then the interrupt is cleared and
either bit 6 or bit 5 of the TX_PEND_REG is
cleared
depending
on
the
number
of
transmissions
pending.
The
configuration
register is then read and the Command Chaining
enable bit is checked. If Command Chaining is
enabled, then bit 4 of TX_PEND is set, otherwise
it is cleared.
A series of case statements are
then executed which read the TX_PEND_REG
and look for a set bit. If a bit is set in the lower
nibble, it signifies that the ARCNET RAM has
been loaded with data and that page is ready to
be transmitted.
Software should be written so
that an external routine will copy transmit data
into the ARCNET RAM. This will speed up the
ISR. Bits 5 and 6 are checked to see that the
pipeline is not completely filled. If they are both
set, then the routine is exited. If either one of the
bits
is
reset,
then
the
pending bit in TX_PEND_REG is reset, bit 5 or
6 is set, and an Enable to Transmit command is
given to the page corresponding to the bit
position in TX_PEND_REG.
Up to two transmit commands can be given
within the ISR at any given time.
If no
transmissions are pending, then the routine is
exited without any new transmissions.
Initiating Transmissions
The Transmit Service routine can only execute
after a transmission occurs.
Therefore, initial
transmit commands must originate from routines
external
to
the
Transmit
Interrupt
service
routine. The Transmit ISR can
only transmit
packets if and only if packets are pending
transmission
upon
entry
into
the
routine.
Normally
this
is
not
the
case,
thus
the
programmer must take care to monitor and
update
the
TX_PEND_REG
for
each
transmission.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TX_PEND_REG
RAM_BUF_REG
RX_PAGE_REG
NOT
USED
TX CMD #2
ISSUED
TX CMD #1
ISSUED
TX PEND.
IN
BUFFER 4
NOT
USED
TX PEND.
IN
BUFFER 3
TX PEND.
IN
BUFFER 2
TX PEND.
IN
BUFFER 1
NOT
USED
NOT
USED
NOT
USED
NOT
USED
NOT
USED
NOT
USED
RX BUF
2
RX BUF
1
RECEIVE COMMAND PAGE #2
RECEIVE COMMAND PAGE #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com