Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 74Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 75Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 76Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 77Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 78Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 79Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 80Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 81Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 82Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
78
FIGURE 28 – BACKPLANE MODE TRANSMIT OR RECEIVE TIMING
(These signals are to and from the differential driver or the cable)
nPULSE1
t2
t3
RXIN
t10
t11
nPULSE2
t5
t6
(Internal Clk)
t4
t1
t7
TXEN
t9
t8
LAST BIT
(400 nS BIT TIME)
* t2,t7,t10 = 4 x (crystal period) for clock frequencies other than 20 MHz.
* t3,t11 = 8 x (crystal period) for clock frequencies other than 20 MHz.
This period applies to data of two consecutive one's.
* t5,t6 = 2 x (crystal period) for clock frequencies other than 20 MHz.
** t9: For clock frequencies other than 20 MHz, t9 = 14 x (clock period) ± 50 nsec.
Note: Clock frequency for 5 Mbps is 40 MHz.
Parameter
min
typ
max
units
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
nPULSE2 High to TXEN Low
nPULSE1 Pulse Width
nPULSE1 Period
nPULSE2 Low to nPULSE1 Low
nPULSE2 High Time
nPULSE2 Low Time
nPULSE2 Period
nPULSE2 High to TXEN High
(first rising edge on nPULSE2 after Last Bit Time)
TXEN Low to First nPULSE1 Low**
RXIN Pulse Width
RXIN Period
0
0
0
650
10
200*
400*
100*
100*
200*
200*
400*
50
50
50
750
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com