Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 42Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 43Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 44Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 45Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 46Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 47Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 48Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 49Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
46
46
DUPID bit is cleared. The user may then attempt
a new ID value, wait 840mS before checking the
Duplicate ID bit, and repeat the process until a
unique Node ID is found. At this point, the TX
Enable bit may be set to allow the node to join
the network. Once the node joins the network, a
reconfiguration occurs, as usual, thus setting the
MYRECON bit of the Diagnostic Status Register.
The Tentative ID Register may be used to build a
network map of all the nodes on the network,
even once the COM20051 has joined the
network. Once a value is placed in the Tentative
ID Register, the ARCNET core looks for a
response to a token whose DID matches the
Tentative ID Register. The software can record
this information and continue placing Tentative
ID values into the register to continue building
the network map.
A complete network map is
only valid until nodes are added to or deleted
from the network.
Note that a node cannot
detect the existence of the next logical node on
the network when using the Tentative ID.
To
determine the next logical node, the software
should read the Next ID Register.
IMPROVED DIAGNOSTICS
The COM20051 allows the user to better
manage the operation of the network through the
use of the internal Diagnostic Status Register.
A
high
level
on
the
My
Reconfiguration
(MYRECON)
bit
indicates
that
the
Token
Reception Timer of this node expired, causing a
reconfiguration
by
this
node.
After
the
Reconfiguration (RECON) bit of the Status
Register
interrupts
the
microcontroller,
the
interrupt service routine will typically read the
MYRECON bit of the Diagnostic Status Register.
Reading the Diagnostic Status Register resets
the MYRECON bit. Successive occurrences of a
logic "1" on the MYRECON bit indicates that a
problem exists with this node. At that point, the
transmitter should be disabled so that the entire
network is not held down while the node is being
evaluated.
The Duplicate ID (DUPID) bit is used before the
node joins the network to ensure that another
node with the same ID does not exist on the
network. Once it is determined that the ID in the
Node ID Register is unique, the software should
write a logic "1" to bit 5 of the Configuration
Register to enable the basic transmit function.
This allows the node to join the network.
The Receive Activity (RCVACT) bit of the
Diagnostic Status Register will be set to a logic
"1" whenever activity (logic "1") is detected on
the RXIN pin.
The Token Seen (TOKEN) bit is set to a logic "1"
whenever any token has been seen on the
network (except those tokens transmitted by this
node).
The RCVACT and TOKEN bits may help the
user to troubleshoot the network or the node. If
unusual events are occurring on the network, the
user may find it valuable to use the TXEN bit of
the Configuration Register to qualify events.
Different combinations of the RCVACT, TOKEN,
and TXEN bits, as shown indicate different
situations:
Normal Results:
RCVACT=1, TOKEN=1, TXEN=0: The node is
not part of the network. The network is operating
properly without this node.
RCVACT=1, TOKEN=1, TXEN=1:
The node
sees receive activity and sees the token.
The
basic transmit function is enabled. Network and
node are operating properly.
MYRECON=0, DUPID=0, RCVACT=1, TXEN=0,
TOKEN=1: Single node network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com