Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 14Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 15Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 16Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 17Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 18Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 19Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 20Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 21Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
18
18
SYSTEM DESCRIPTION
MICROCONTROLLER INTERFACE
COM20051 ARCNET network core contains 1K
byte of RAM and 11 registers. The internal RAM
is accessed via a pointer-based scheme (refer to
the Sequential Access Memory section), and the
internal
registers
are
accessed
via
direct
addressing. The ARCNET core bus interface is
designed to be flexible so that it is independent
of the 80C32 speed.
The COM20051 provides for no wait state
arbitration via direct addressing to its internal
registers
and
a
pointer
based
addressing
scheme to access its internal RAM. Note that at
5 Mbps data rate, the internal arbiter must be
slowed down using the SLOWARB bit of the
Setup Register. The pointer may be used in the
auto-increment mode for typical
sequential
buffer emptying or loading, or it can be taken out
of the auto-increment mode to
perform out of
sequence accesses to the RAM. The data within
the RAM is accessed through the Data Register.
Data being read is prefetched from memory and
placed
into
the
Data
Register
for
the
microcontroller to read. During a write operation,
the data is stored in the Data Register and then
written into memory. Whenever the pointer is
loaded for reads with a new value, data is
immediately prefetched to prepare for the first
read operation.
TRANSMISSION MEDIA INTERFACE
Figure 6 illustrates the COM20051 interface to
the transmission media used to connect the node
to the network.
Table 2 lists different types of
cable
which
are
suitable
for
ARCNET
applications.1
The user may interface to the
cable of choice in one of three ways:
1 Please refer to TN7-5 - Cabling Guidelines for the
COM20020
ULANC,
available
from
SMSC,
for
recommended cabling distance, termination, and node
count for ARCNET nodes.
Traditional Hybrid Interface
The Traditional Hybrid Interface is that which is
used with previous ARCNET devices.
The
Hybrid Interface is recommended if the node is to
be placed in a network with other Hybrid-
Interfaced
nodes.
The
Traditional
Hybrid
Interface is for use with nodes operating at 2.5
Mbps only.
The transformer coupling of the
Hybrid offers isolation for the safety of the
system
and
offers
high
Common
Mode
Rejection. The Traditional Hybrid Interface uses
circuits like SMSC's HYC9068 or HYC9088 to
transfer the pulse-encoded data between the
cable and the COM20051.
The COM20051
transmits a logic "1" by generating two 100nS
non-overlapping negative pulses, nPULSE1 and
nPULSE2. Lack of pulses indicates a logic "0".
The nPULSE1 and nPULSE2 signals are sent to
the Hybrid, which creates a 200nS dipulse signal
on the medium.
During reception, the
200nS
dipulse appearing on the media is coupled
through the transformer of the LAN Driver, which
produces a positive pulse at the RXIN pin of the
COM20051.
The pulse on the RXIN pin
represents a logic "1". Lack of pulse represents
a logic "0".
Typically, RXIN pulses occur at
multiples of 400nS. The COM20051 can tolerate
distortion (bit jitter) of plus or minus 100nS and
still correctly capture and convert the RXIN
pulses to NRZ format.
Figure 8 illustrates the
events which occur in transmission or reception
of data consisting of 1, 1, 0.
Backplane Configuration
The Backplane Configuration is recommended
for cost-sensitive, short-distance applications like
backplanes and instrumentation. This mode is
advantageous because it saves components,
cost, and power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com