Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 15Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 16Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 17Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 18Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 19Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 20Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 21Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 22Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
19
19
FIGURE 6 – DIPULSE HYBRID CONFIGURATION
FIGURE 7 – COM20051 NETWORK USING RS-485 DIFFERENTIAL TRANSCEIVERS
RX I N
nPULSE1
nPULSE2
nTXEN
GND
Trad itional Hybrid
Configuration
RX I N
nPULSE1
nPULSE2
17, 19,
4, 13, 14
5.6K
1/2 W
5.6K
1/2 W
0.01 uF
1KV
12
11
-5V
0.47
uF
10
uF
+
3
0.47 uF
+
+5V
uF
10
6
HYC9088
HYC9068 or
N / C
COM 20051
COM20051
COM20051
COM20051
+VCC
RBIAS
+VCC
+VCC
RBIAS
RBIAS
RT
RT
75176B or
Equiv.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com