Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 41Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 42Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 43Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 44Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 45Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 46Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 47Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 48Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
45
45
The second reception will occur as soon as a
second packet is sent to the node, as long as the
second "Enable Receive to Page fnn" command
was issued. The operation is as if a new "Enable
Receive to Page fnn" command has just been
issued.
After the first Receive status bits are
cleared, the Status Register will again be
updated with the results of the second reception
and a second interrupt resulting from the second
reception will occur.
In the ARCNET core, the Receive Inhibit (RI) bit
of the Interrupt Mask Register now masks only
the TRI bit of the Status Register, not the RI bit
as in the non-chaining mode. Since the TRI bit is
only set upon reception of a packet (not by
RESET), and since the TRI bit may easily be
reset by issuing a "Clear Receive Interrupt"
command, there is no need to use the RI bit of
the Interrupt Mask Register to mask interrupts
generated by the TRI bit of the Status Register.
In Command Chaining mode, the "Disable
Receiver"
command
will
cancel
the
oldest
reception, unless the reception has already
begun.
If both receptions should be canceled,
two "Disable Receiver" commands should be
issued.
RESET DETAILS
Internal Reset Logic
The ARCNET core supports two reset options;
software and hardware reset. A software reset is
generated when a logic "1" is written to bit 7 of
the Configuration Register. The device remains
in reset as long as this bit is set. The software
reset does not affect the contents of the Address
Pointer Registers, the Configuration Register, the
IMR, or the Setup Register. A hardware reset
occurs when a high signal is asserted on the
nRESET input. The minimum reset pulse width
is 3.2 s (for 20 MHz core clock, 1.6 s for 40 MHz
core clock) . This pulse width is used by the
internal digital filter, which filters short glitches to
allow only valid resets to occur.
Upon reset, the transmitter portion of the device
is disabled and the internal registers assume
those states outlined in the Internal Registers
section.
After the nRESET signal is removed the user
may write to the internal registers. Since writing
a non-zero value to the Node ID Register wakes
up the ARCNET core,
the
Setup Register
should be written before the Node ID Register.
Once the Node ID Register is written to, the
ARCNET core reads the value and executes two
write cycles to the RAM buffer.
Address 0 is
written with the data D1H and address 1 is
written with the Node ID. The data pattern D1H
was chosen arbitrarily, and is meant to provide
assurance of proper microsequencer operation.
INITIALIZATION SEQUENCE
When the ARCNET core is powered on the
internal registers may be written to. Since writing
a non-zero value to the Node ID Register wakes
up the core, the Setup Register should be written
to before the Node ID Register. Until a non-zero
value is placed into the NID Register, no
microcode is executed, no tokens are passed by
this node, and no reconfigurations are generated
by this node. Once a non-zero value is placed in
the register, the core wakes up, but the node will
not attempt to join the network until the TX
Enable bit of the Configuration Register is set.
Before setting the TX Enable bit, the software
may make some determinations. The software
may first observe the Receive Activity and the
Token Seen bits of the Diagnostic Status
Register to verify the health of the receiver and
the network.
Next, the uniqueness of the Node ID value
placed in the Node ID Register is determined.
The TX Enable bit should still be a logic "0" until
it is ensured that the Node ID is unique. If this
node ID already exists, the Duplicate ID bit of
the
Diagnostic Status Register is set after a
maximum of 840mS (or 1680mS if the ET1 and
ET2 bits are other than 1,1). To determine if
another node on the network already has this ID,
the ARCNET core compares the value in the
Node ID Register with the DID's of the token,
and determines whether there is a response to it.
Once the Diagnostic Status Register is read, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com