Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 73Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 74Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 75Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 76Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 77Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 78Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 79Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 80Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
77
FIGURE 27 – NORMAL MODE TRANSMIT OR RECEIVE TIMING
(These signals are to and from the Hybrid)
nPULSE2
Parameter
min
max
units
nPULSE1
t1
* t1, t6 = .25 x (
1
) for data rates other than 2.5 Mpbs.
data rate
t2
t1
t3
typ
* t2,t7 = 8 x (crystal period) for clock frequencies other than 20
MHz.
This period applies to data of two consecutive one's.
RXIN
t6
t7
TXEN
t2
t4
t5
LAST BIT
(400 nS BIT TIME)
** t4: For clock frequencies other than 20 MHz, t4 = 18 x (crystal period) ± 50 nsec.
** t5: For clock frequencies other than 20 MHz, t5 = 6 x (crystal period) ± 50 nsec.
Note: Clock frequency for 5 Mbps is 40 MHz.
t1
t2
t3
t4
t5
t6
t7
PULSE1, PULSE2 Pulse Width
PULSE1, PULSE2 Period
PULSE1, PULSE2 Overlap
TXEN Low to PULSE1 Low**
Beginning of Last Bit Time to TXEN High**
RXIN Pulse Width
RXIN Period
-10
850
250
10
100*
400*
0
100*
400*
+10
950
350
nS
nS
nS
nS
nS
nS
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com