Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 46Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 47Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 48Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 49Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 50Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 51Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 52Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 53Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 82 page
background image
50
50
FIGURE 14 – NODE ID SELECTION USING A HARDWARE SWITCH READ
Method 2 - Non-Volatile Memory Storage
This method involves the storage of the Node ID
in either a PROM, EPROM, or EEPROM. The
microcontroller simply reads the proper location
and programs the ID value. This method is well
suited for closed networks that are not expected
to expand or are maintained solely by the OEM.
Such examples might include machine control
and automobiles.
Method 3 - Hardwire Daisy Chain
The Daisy Chain method uses an additional wire
running from node to node in a daisy chained
fashion. This type of setup relies on a master
node that uses a fixed ID value that is stored in
the master node's non-volatile memory or by
reading a switch. Once the master programs its
ID value it brings the additional line low.
The
next node that is in line physically detects the low
level on the line and uses a duplicate ID search
algorithm to detect the first available ID on the
COM20051
ADDRESS
DECODER
A15-A0
D7-D0
'LS244
DIP
SWITCH
NID DECODE
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com