Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 24Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 25Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 26Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 27Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 28Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 29Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 30Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 31Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
28
28
Data Register (Location +04Hex)
This read/write 8-bit register is used as the
channel through which the data to and from the
RAM passes. The data is placed in or retrieved
from the address location presently specified by
the address pointer. The contents of the Data
Register are undefined upon hardware reset. In
the case of READ operation, the Data Register is
loaded with the contents of ARCNET Core
Internal RAM upon writing Address Pointer Low-
only once.
Tentative ID Register (Location +07Hex)
The Tentative ID Register is a read/write 8-bit
register accessed when the Sub Address Bits
are set up accordingly (please refer to the
Configuration
Register
description).
The
Tentative ID Register can be used while the
node is on-line to build a network map of those
nodes existing on the network. It minimizes the
need for operator interaction with the network.
The node determines the existence of other
nodes by placing a Node ID value in the
Tentative ID Register and waiting to see if the
Tentative ID bit of the Diagnostic Status Register
gets set. The network maps developed by this
method has only historical value, since nodes
may join or depart from the network at any time.
When using the Tentative ID feature, a node
cannot detect the existence of the next logical
node to which it passes the token. The Next ID
Register will hold the ID value of that node. The
Tentative ID Register defaults to the value 0000
0000 upon hardware reset only.
Node ID Register (Location +07Hex)
The Node ID Register is a read/write 8-bit
register accessed when the Sub Address Bits
are set up accordingly (please refer to the
Configuration Register). The Node ID Register
contains the unique value which identifies this
particular node. Each node on the network must
occupy a unique Node ID value at all times. The
Duplicate ID bit of the Diagnostic Status Register
helps the user find a unique Node ID. Refer to
the Initialization Sequence section for further
detail on the use of the DUPID bit.
The
microsequencer of the ARCNET core does not
wake up until a Node ID other than zero is
written into the Node ID Register.
During this
time, no microcode is executed, no tokens are
passed by this node, and no reconfigurations are
caused by this node. Once a non-zero Node ID
is placed into the Node ID Register, the core
wakes up but will not join the network until the
TXEN bit of the Configuration Register is set.
While the Transmitter is disabled, the Receiver
portion of the device is still functional and will
provide the user with useful information about
the network. The Node ID Register defaults to
the value 0000 0000 upon hardware reset only.
Next ID Register (Location +07Hex)
The Next ID Register is an 8-bit, read-only
register, accessed when the sub-address bits are
set
up
accordingly
(please
refer
to
the
Configuration Register).
The Next ID Register
holds the value of the Node ID to which the
COM20051 will pass the token. When used in
conjunction with the Tentative ID Register, the
Next ID Register can provide a complete network
map. The Next ID Register is updated each time
a node enters/leaves the network or when a
network reconfiguration occurs.
Each time the
microsequencer updates the Next ID Register, a
New Next ID interrupt is generated. This bit is
cleared by reading the Next ID Register. Default
value is 0000 0000 upon hardware or software
reset.
Status Register (Location +00Hex)
The ARCNET Status Register is an 8-bit read-
only register. All of the bits, except for bits 5 and
6, are software compatible with previous SMSC
ARCNET devices. In previous SMSC ARCNET
devices
the
Extended
Timeout
status
was
provided in bits 5 and 6 of the Status Register.
In
the
COM20020,
the
COM20020-5,
COM20010, COM90C66, and the COM90C165,
these bits exist in and are controlled by the
Configuration Register.
The Status Register
contents are defined as in Table 6, but are
defined
differently
during
the
Command
Chaining
operation.
Please
refer
to
the
Command Chaining section for the definition of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com