Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 18Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 19Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 20Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 21Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 22Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 23Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 24Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 25Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
22
22
Table 2 - Typical Media
CABLE TYPE
NOMINAL
IMPEDANCE
ATTENUATION
PER 1000 FT.
AT 5MHZ
RG-62 Belden #86262
93
5.5dB
RG-59/U Belden
#89108
75
7.0dB
RG-11/U Belden
#89108
75
5.5dB
IBM Type 1* Belden
#89688
150
7.0dB
IBM Type 3* Telephone
Twisted Pair Belden
#1155A
100
17.9dB
COMCODE 26 AWG
Twisted Pair Part #105-
064-703
105
16.0dB
*Non-plenum-rated cables of this type are also available.
Note: For more detailed information on Cabling options including RS-485, transformer-coupled RS-485
and Fiber Optic interfaces, please refer to TN7-5 - Cabling Guidelines for the COM20020 ULANC,
available from Standard Microsystems Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com