Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 74Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 75Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 76Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 77Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 78Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 79Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 80Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 81Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 82Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
80
FIGURE 31 – 44 PIN PLCC PACKAGE DIMENSIONS
B
-E-
E1
E
INDEX CORNER
D1
D
G x 45°
-D-
J x 45°, 3 places
SEE DETAIL A
B1
DETAIL A
SEATING
PLANE
-C-
B2
A
.004
-C-
SEATING PLANE
A1
C
R
e
.007 E
D
E3/D3 E2/D2
F x 45°
DIM
A
A1
B
B1
B2
C
D/E
D1/E1
D2/E2
D3/E3
e
F
G
J
R
44 LEAD
.160-.188
.090-.120
.013-.021
.026-.032
.025 MIN
.020-.045
.685-.695
.650-.656
.600-.630
.500 REF
.050 BSC
.042-.060
.042-.048
.000-.028
.025-.045
Notes:
1. Dimensions are in inches.
2. Coplanarity is .004" maximum.
3. Tolerance on the position of the leads is .007" maximum.
4. Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is .010".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com