Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 21Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 22Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 23Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 24Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 25Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 26Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 27Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 28Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
25
25
Table 3 - Cleaning Interrupt Bit
Interrupt Type
Cleaning Interrupt Bit
RI
Issue "Enable Receive to Page Fnn" command
EXCNAK
Issue "Clean Flags" Command with "p" bit set
RECON
Issue "Clear Flags" Command with "r" bit set
New Next ID
Read New Next ID Register
TA
Issue
"Enable
Transmit
From
Page
Fnn"
Command
Table 4 – Read Register Summary
REGISTER
OFFSET
ADDRESS
READ
MSB
LSB
S TATUS
DIAG.
S TATUS
ADDRESS
PTR
HIGH
ADDRESS
PTR
LOW
DATA
RESERVED
CONFIG-
URATION
TENTID
NODEID
SETUP
NEXT ID
00
01
02
03
04
05
06
07
RI
M Y-
RECON
RDDATA
A7
D7
X
RESET
TID7
NID7
P1MODE
NXTID7
FOUR
NAKS
NXTID6
X
DUPID
AUTO-
INC
A6
D6
X
CCHEN
TID6
NID6
X
RCVACT
X
A5
D5
X
TXEN
TID5
NID5
ET3
NXTID5
POR
TOKEN
X
A4
D4
X
ET1
TID4
NID4
RCV_
ALL
NXTID4
TEST
EXCNAK
X
A3
D3
X
ET2
TID3
NID3
CKP3
NXTID3
RECON
TENTID
X
A2
D2
X
BACK-
PLANE
TID2
NID2
CKP2
NXTID2
TMA
NEW
NEXTID
A9
A1
D1
X
SUB-
AD1
TID1
NID1
CKP1
NXTID1
TA
X
A8
A0
D0
X
SUB-
AD0
TID0
NID0
SLOW
ARB
NXTID0
IRR
X
09
5MBS
DEC3
DEC2
DEC1
EXT
INT1
INT0
NOTE: The SLOWARB bit must be set for 5 Mbps operation.
RESERVED
X
X
X
X
X
X
X
X
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com