Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 74Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 75Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 76Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 77Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 78Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 79Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 80Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 81Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 82Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
79
FIGURE 29 – TTL INPUT TIMING ON XTAL1 PIN
FIGURE 30 – RESET AND INTERRUPT TIMING
t1
t3
Parameter
Input Clock High Time
Input Clock Period
min
10
25
max units
nS
nS
XTAL1
t1
t4
Input Clock Frequency
125
t2
Input Clock Low Time
nS
t3
10
typ
10
t2
40
MHz
t1
Parameter
nRESET IN Pulse Width
min
3.2
max
units
µS
nRESET IN
t1
t2
nINTR High to Next nINTR Low
nS
typ
*200
t2
nINTR
Note: For 5 Mbps operation, t2 is 100 nS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com