Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 70Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 71Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 72Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 73Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 74Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 75Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 76Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 77Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
74
TIMING DIAGRAMS
FIGURE 24 – EXTERNAL PROGRAM MEMORY READ CYCLE
A0 - A7
INSTR. IN
A8 - A15
ALE
nPSEN
PORT 0
PORT 2
t11
t10
t2
t1
t6
t7
t3
t8
t5
t4
t9
Parameter
min
typ
max
units
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
ALE Pulse Width
Address Valid to ALE Low
ALE Low to nPSEN Low
nPSEN Low to Valid Instruction Input
nPSEN Low to Address Float
Address to Valid Instruction Input
Address Hold after ALE
ALE Low to Valid Instruction Input
nPSEN Pulse Width
Input Instruction Hold after nPSEN
Input Instruction Float after nPSEN
85
7
22.6
27
142.5
0
82.5
10
207.5
150
37.5
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
nS
AC CHARACTERISTICS (0°C - 70°C, 5.0V ± 10%)
100 pF Loading for ALE, PORT0, and nPSEN; 16 MHz Processor Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com