Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 3Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 4Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 5Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 6Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 7Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 8Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 9Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 10Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
7
7
BASIC ARCHITECTURE
The COM20051 consists of four functional
blocks:
the
80C32
microcontroller
core,
ARCNET network cell (includes 1K of buffer
RAM), programmable address decoder, and
programmable interrupt router.
The internal
architecture of the COM20051 is shown in Figure
1.
The 80C32 microcontroller is a full ROMless
implementation of the popular Intel 8051 series.
The
ARCNET
network
core
is
similar
in
architecture to SMSC's popular COM20020
family of ARCNET controllers and retains the
same command and status flags of previous
ARCNET
controllers.
The
programmable
address decoder maps the ARCNET registers
into a 256-byte page anywhere within the
External Data Memory space of the 80C32. The
ARCNET core was mapped to the External Data
Memory
space
to
simplify
software
and
application development and for production test
purposes.
ARCNET core is available to the
developer when working with the 8051 emulator.
When the COM20051 is put into Emulate mode,
the internal microcontroller is put into a high
impedance state, thus allowing an external In-
Circuit Emulator (ICE) to program the ARCNET
core.
The advantage of this approach versus
mapping the ARCNET registers into the internal
memory (Special Function) area of the 80C32 is
that dedicated software development tools will
not be necessary to debug application software.
Since a majority of 8051 applications use only a
small portion of the Data Memory space, there is
no penalty paid for used address space. There
will also be no penalty in execution time, since
cycle times for external data memory accesses
and internal direct memory moves are identical.
The network interrupt can be routed to either of
the two external interrupt ports or can be
assigned to one of the general purpose I/O ports.
The ARCNET interrupt is internally wire ORed
with the external interrupt pin to allow greater
system flexibility.
80C32 ARCHITECTURE AND INSTRUCTION
SET
The 80C32 microcontroller core is identical to the
16MHz Intel 80C32 in all respects except for the
absence of Timer 2. Please refer to the Intel
Embedded
Microcontrollers
and
Processors
Databook, Volume 1, for details regarding the
8051 architecture, peripherals, instruction set,
and programming guide. Note that any access
to the internal ARCNET core or any external
memorry access is visible on the pins of the
COM20051.
The following differences apply to the
COM20051:
1.
Oscillator frequency is 40MHz instead of
16MHz.
This is necessary to derive a
20MHz clock for the ARCNET core.
The
processor still operates at 16MHz.
2.
nEA pin - This pin must be tied to ground
for normal internal processor operation.
When tied to VCC, the COM20051 will enter
the Emulate mode.
3.
Unused pins - The COM20051 is packaged
in a 44-pin PLCC. Network I/O is generated
on the four unused pins of the standard
80C32 PLCC package. No DIP package is
available.
4.
Power Down operation - The Power Down
mode can only be used in conjunction when
the internal oscillator is being used.
If an
external oscillator is used and the Power
Down mode is invoked, damage may result
to the oscillator and to the COM20051.
Clock Speed
The COM20051 processor operates at 16MHz
and the network controller at a maximum 40MHz
clock rate. A single crystal oscillator is used to
supply the two clocks: a 16MHz processor clock
and a 20MHz network clock for the nominal 2.5
Mbps data rate. Pins 20 and 21 are designated
as crystal inputs. When clocking with an external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com