Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  COM20051 Datasheet HTML 1Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 2Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 3Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 4Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 5Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 6Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 7Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 8Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
5
5
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
DESCRIPTION
23
nPulse 2
nPULSE2
Output. Network output. Outputs a synchronous
clock at 2x the data rate when backplane mode is
invoked.
24-31
P2.0-2.7
P2.0-2.7
Input/Output. Port 2 of the 8051. High order address
bus.
32
nProgram Store
Enable
nPSEN
Output.
33
Address Latch
Enable
ALE
Output.
34
Transmit Enable TXEN
Output. This signal is used to enable the drivers for
transmitting. The polarity of this signal is
programmable by grounding the nPULSE2 pin prior
to the POWER-UP.
nPULSE2 floating prior to the power-up = TXEN
active high
nPULSE2 grounded prior to the power-up = TXEN
active low. (This option is available only in the
Backplane mode).
35
nEnable
nEA
Input. When high, causes the 8051's outputs to tri-
state. When low, allows the 8051 to address external
memory. Must be low to execute code from the
embedded 8051.
36-43
P0.7-0.0
P0.7-0.0
Input/Output. Port 0 of the 8051. Multiplexed low
order address/data bus.
44
Power Supply
VCC
+5V power supply.
RESET CIRCUIT FOR THE COM20051
The power on reset circuit for the COM20051 should be designed to provide a clean, fast transition time
TTL input to the COM20051. Sufficient signal high time on RST (pin 10) should be provided after Vcc
reaches +5V DC. The following circuit, which provides an 8ms power-on reset pulse, is recommended:
Vcc (+5V)
22uF/
10V
RST (PIN 10)
220
74LS14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com