Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 12Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 13Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 14Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 15Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 16Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 17Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 18Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 19Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
16
16
Data Packets (PAC)
A Data Packet consists of the actual data being
sent to another node. It is sent by the following
sequence:
• An ALERT BURST
• An PAC (Data Packet--ASCII code 01H)
• An SID (Source ID) character
• Two (repeated) DID (Destination ID)
characters
• A single COUNT character which is the
2's complement of the number of data
bytes to follow if a short packet is sent,
or
00Hex followed by a COUNT
character if a long packet is sent
• N data bytes where COUNT = 256-N (or
512-N for a long packet)
• Two CRC (Cyclic Redundancy Check)
characters.
The CRC polynomial used is:
X16 + X15 + X2 + 1.
Acknowledgements (ACK)
An Acknowledgement is used to acknowledge
reception of a packet or as an affirmative
response to FREE BUFFER ENQUIRIES and is
sent by the following sequence:
•
An ALERT BURST
•
An ACK (ACKnowledgement--ASCII code
86H) character
ALERT
BURST
ACK
Negative Acknowledgements (NAK)
A Negative Acknowledgement is used as a
negative response to FREE BUFFER
ENQUIRIES and is sent by the following
sequence:
•
An ALERT BURST
•
A NAK (Negative Acknowledgement--ASCII
code 15H) character
ALERT
BURST
NAK
Figure 5 illustrates the flow of events on a 5-node network where a node with the NID=1 transmits a
data packet to a node with the NID=5, and a node with the NID=3 tries to transmit a data to a node
with the NID=4 but node 4 cannot accept it. All other nodes are just passing the tokens.
ALERT
BURST
PAC
SID
DID
DID
COUNT
data
data
CRC
CRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com