Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 30Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 31Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 32Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 33Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 34Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 35Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 36Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 37Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
34
34
Table 12 - Configuration Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Reset
RESET
A software reset of the ARCNET core is executed by
writing a logic "1" to this bit. A software reset does not
reset the microcontroller interface mode, nor does it
affect the Configuration Register. The only registers that
the software reset affect are the Status Register, the
Next ID Register, and the Diagnostic Status Register.
This bit must be brought back to logic "0" to release the
reset. The Software Reset applies only to the ARCNET
core. It does not apply to the 8051 microcontroller of the
COM20051.
6
Command
Chaining
Enable
CCHEN
This bit, if high, enables the Command Chaining
operation of the device. Please refer to the Command
Chaining section for further details. A low level on this
bit ensures software compatibility with previous SMSC
ARCNET devices.
5
Transmit
Enable
TXEN
When low, this bit disables transmissions by keeping
nPULSE1, nPULSE2 if in non-Backplane Mode, and
nTXENABLE inactive. When high, it enables the above
signals to be activated during transmissions. This bit
defaults low upon reset. This bit is typically enabled
once the Node ID is determined, and never disabled
during normal operation. Please refer to the Improved
Diagnostics section for details on evaluating network
activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com