Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 68Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 69Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 70Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 71Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 72Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 73Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 74Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 75Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
72
OPERATIONAL DESCRIPTION
MAXIMUM GUARANTEED RATINGS*
Operating Temperature Range ....................................................................................... 0oC to +70oC
Storage Temperature Range ..................................................................................... -55oC to +150oC
Lead Temperature (soldering, 10 seconds) .............................................................................. +325 oC
Positive Voltage on any pin, with respect to ground .............................................................. VCC+0.5V
Negative Voltage on any pin, with respect to ground ..................................................................... -0.5V
Maximum VCC .............................................................................................................................. +7V
*Stresses above those listed may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other condition above those indicated in the
operational sections of this specification is not implied.
NOTE: When powering this device from laboratory or system power supplies, it is important that the
Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit
voltage spikes or "glitches" on their outputs when the AC power is switched on or off. In addition,
voltage transients on the AC power line may appear on the DC output. If this possibility exists it is
suggested that a clamp circuit be used.
DC ELECTRICAL CHARACTERISTICS (TA = 0 C - 70 C, VCC = 5.0V ± 10%, VSS = 0V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
COMMENT
Low Output Voltage
(Ports 1, 2 and 3,
ALE, PSEN)
V
OL
0.3
0.45
1.0
V
V
V
I
OL
= 100 A
I
OL
= 1.6 mA
I
OL
= 3.5 mA
Low Output Voltage
(Port 0)
V
OL1
0.3
0.45
1.0
V
V
V
I
OL
= 200 A
I
OL
= 3.2 mA
I
OL
= 7.0 mA
High Output Voltage
(Ports 1, 2 and 3,
ALE, PSEN)
V
OH
V
CC
-0.3
V
CC
-0.7
V
CC
-1.5
V
V
V
I
OH
= -10 A
I
OH
= -30 A
I
OH
= -60 A
High Output Voltage
(Port 0 in External
Bus
Mode)
V
OH1
V
CC
-0.3
V
CC
-0.7
V
CC
-1.5
V
V
V
I
OH
= -200 A
I
OH
= -3.2 mA
I
OH
= -7.0 mA
Input Leakage Current
I
LI
.02 A
±10
µA
V
0<V
IN
<V
CC
RST Pulldown
Resistor
RRST
50K
Ω
Pin Capacitance
CIO
10
pF
Power Supply Current
I
CC
50
mA
Low Input Voltage
(XTAL1)
V
IL2
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com