Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 39Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 40Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 41Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 42Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 43Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 44Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 45Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 46Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
43
43
at any given time. The commands may be
given in any order.
•
Up to two outstanding transmit interrupts
and two outstanding receive interrupts are
stored by the device, along with their
respective status bits.
•
The Interrupt Mask bits act on TTA (Rising
Transition on Transmitter Available) for
transmit
operations
and
TRI
(Rising
Transition of Receiver Inhibited) for receive
operations. TTA is set upon completion of a
packet transmission only. TRI is set upon
completion of a packet reception only.
Typically there is no need to mask the TTA
and TRI bits after clearing the interrupt.
•
The traditional TA and RI bits are still
available to reflect the present status of the
device.
Transmit Command Chaining
When the microcontroller issues the first "Enable
Transmit to Page fnn" command, the ARCNET
core responds in the usual manner by resetting
the TA and TMA bits to prepare for the
transmission from the specified page. The TA bit
can be used to see if there is currently a
transmission pending, but the TA bit is really
meant to be used in the non-chaining mode only.
The TTA bits provide the relevant information for
the device in the Command Chaining mode.
In the Command Chaining Mode, at any time
after the first command is issued, the processor
can issue a second "Enable Transmit from Page
fnn" command.
The ARCNET core stores the
fact that the second transmit command was
issued, along with the page number.
After the first transmission is completed, the
ARCNET core updates the Status Register by
setting the TTA bit, which generates an interrupt.
The interrupt service routine should read the
Status Register. At this point, the TTA bit will be
found to be a logic "1" and the TMA (Transmit
Message Acknowledge) bit will tell the processor
whether the transmission was successful. After
reading the Status Register, the "Clear Transmit
Interrupt"
FIGURE 12 – COMMAND CHAINING STATUS REGISTER QUEUE
TRI
RI
TA
POR
TEST
RECON
TMA
TTA
TMA
TTA
TRI
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com