Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 31Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 32Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 33Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 34Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 35Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 36Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 37Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 38Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
35
35
Table 12 - Configuration Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
4,3
Extended
Timeout 1,2
ET1, ET2
These bits allow the network to operate over longer
distances than the default maximum 4 miles by
controlling the Response, Idle, and Reconfiguration
Times. All nodes should be configured with the same
timeout values for proper network operation. The bit
combinations follow.
2.5 Mbps
operation
Response
Idle Time
Reconfig
ET2
ET1
Time (
µS)
(
µS)
Time (mS)
0
0
1193.6
1312
1680
0
1
596.8
656
1680
1
0
298.4
328
1680
1
1
74.7
82
840
5 Mbps
operation
Response
Idle Time
Reconfig
ET2
ET1
Time (
µS)
(
µS)
Time (mS)
0
0
596.8
656
840
0
1
298.4
328
840
1
0
74.7
82
840
1
1
37.35
41
420
2
Backplane
BACK-
PLANE
A logic "1" on this bit puts the device into Backplane
Mode signalling which is used for Open Drain and
Differential Driver interfaces.
1,0
Sub
Address 1,0
SUBAD 1,0
These bits determine which register at address 07 may
be accessed. The combinations are as follows:
SUBAD1
SUBAD0
Register
0
0
Tentative ID
0
1
Node ID
1
0
Setup
1
1
Next ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com