Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # COM20051
Description  Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

COM20051 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button COM20051 Datasheet HTML 20Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 21Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 22Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 23Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 24Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 25Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 26Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 27Page - List of Unclassifed Manufacturers COM20051 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
24
24
ARCNET CORE FUNCTIONAL DESCRIPTION
MICROSEQUENCER
The
ARCNET
core
contains
an
internal
microsequencer which performs all of the control
operations necessary to carry out the ARCNET
protocol. It consists of a clock generator, a 544 x
8 ROM, a program counter, two instruction
registers,
an
instruction
decoder,
a
no-op
generator, jump logic, and reconfiguration logic.
The ARCNET core derives The Program Counter
Clock and Instruction Execution Clock from the
SYSTEM CLOCK. If the system clock is 40 MHz
the Program Counter Clock runs at 10 MHz and
the Instruction Execution Clock runs at 5 MHz. If
the System Clock is 20 MHz the above clocks
run at 5 MHz and 2.5 MHz respectively. The
microprogram is stored in the ROM and the
instructions are fetched and then placed into the
instruction registers. One register holds the op
code, while the other holds the immediate data.
Once the instruction is fetched, it is decoded by
the internal instruction decoder, at which point
the ARCNET core proceeds to execute the
instruction.
When
a
no-op
instruction
is
encountered, the microsequencer enters a timed
loop and the program counter is temporarily
stopped until the loop is complete. When a jump
instruction is encountered, the program counter
is loaded with the jump address from the ROM.
The
ARCNET
core
contains
an
internal
reconfiguration
timer
which
interrupts
the
microsequencer if it has timed out. At this point
the
program
counter
is
cleared
and
the
MYRECON bit of the Diagnostic Status Register
is set.
INTERNAL REGISTERS
The
ARCNET
core
contains
eight
internal
registers. Tables 4 and 5 illustrate the ARCNET
core register map.
Reserved locations should
not be accessed. All undefined bits are read as
undefined and must be written as logic "0".
Interrupt
Mask
Register
(IMR)
(Location
+00Hex)
The ARCNET core is capable of generating an
interrupt signal when certain status bits become
true. A write to the IMR specifies which status
bits will be enabled to generate an interrupt. The
bit positions in the IMR are in the same position
as their corresponding status bits in the Status
Register and Diagnostic Status Register. A logic
"1"
in
a
particular
position
enables
the
corresponding interrupt. The Status bits capable
of generating an interrupt include the Receiver
Inhibited bit, New Next ID bit, Excessive NAK bit,
Reconfiguration
Timer
bit,
and
Transmitter
Available bit.
No other Status or Diagnostic
Status bits can generate an interrupt.
The five maskable status bits are ANDed with
their respective mask bits, and the results are
ORed to produce the interrupt signal. An RI
or
TA
interrupt
is
masked
when
the
corresponding mask bit is reset to logic "0", but
will reappear when the corresponding mask bit is
set to logic "1" again, unless the interrupt status
condition has been cleared by this time.
A
RECON interrupt is cleared when the "Clear
Flags" command is issued.
An EXCNAK
interrupt is cleared when the "POR Clear Flags"
command is issued. A New Next ID interrupt is
cleared by reading the New Next ID Register.
The Interrupt Mask Register defaults to the value
0000 0000 upon hardware reset only. Refer to
Table 3 on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com