Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 3Page - Zilog, Inc. Z86C34 Datasheet HTML 4Page - Zilog, Inc. Z86C34 Datasheet HTML 5Page - Zilog, Inc. Z86C34 Datasheet HTML 6Page - Zilog, Inc. Z86C34 Datasheet HTML 7Page - Zilog, Inc. Z86C34 Datasheet HTML 8Page - Zilog, Inc. Z86C34 Datasheet HTML 9Page - Zilog, Inc. Z86C34 Datasheet HTML 10Page - Zilog, Inc. Z86C34 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
7
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This
rating is a stress rating only. Functional operation of the de-
vice at any condition above those indicated in the opera-
tional sections of these specifications is not implied. Expo-
sure to absolute maximum rating conditions for an extended
period may affect device reliability.
Total power dissipation should not exceed 1.21 W for the
package. Power dissipation is calculated as follows:
Parameter
Min
Max
Units
Notes
Ambient Temperature under Bias
–40
+105
C
Storage Temperature
–65
+150
C
Voltage on any Pin with Respect to VSS
–0.6
+7
V
1
Voltage on VDD Pin with Respect to VSS
–0.3
+7
V
Voltage on XTAL1 and RESET Pins with Respect to VSS
–0.6
VDD+1
V
2
Total Power Dissipation
1.21
W
Maximum Allowable Current out of VSS
220
mA
Maximum Allowable Current into VDD
180
mA
Maximum Allowable Current into an Input Pin
–600
+600
µA
3
Maximum Allowable Current into an Open-Drain Pin
–600
+600
µA
4
Maximum Allowable Output Current Sunk by Any I/O Pin
25
mA
Maximum Allowable Output Current Sourced by Any I/O Pin
25
mA
Notes:
1. Applies to all pins except XTAL pins and where otherwise noted.
2. There is no input protection diode from pin to VDD and current into pin is limited to ±600 µA.
3. Excludes XTAL pins.
4. Device pin is not at an output Low state.
Total Power Dissipation = VDD x [IDD – (sum of IOH),
+ sum of [(VDD – VOH) x IOH]
+ sum of (VOL x IOL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com