Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 3 Page - Zilog, Inc.

  Z86C34 Datasheet HTML 1Page - Zilog, Inc. Z86C34 Datasheet HTML 2Page - Zilog, Inc. Z86C34 Datasheet HTML 3Page - Zilog, Inc. Z86C34 Datasheet HTML 4Page - Zilog, Inc. Z86C34 Datasheet HTML 5Page - Zilog, Inc. Z86C34 Datasheet HTML 6Page - Zilog, Inc. Z86C34 Datasheet HTML 7Page - Zilog, Inc. Z86C34 Datasheet HTML 8Page - Zilog, Inc. Z86C34 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
3
PIN DESCRIPTION
Figure 2. 28-Pin DIP/SOIC Pin Configuration
P25
P26
P27
P04
P05
P06
P07
VCC
XTAL2
XTAL1
P31
P32
P33
P34
P24
P23
P22
P21
P20
P03
GND
P02
P01
P00
P30
P36
P37
P35
28
Z86C34/C35/C36
1
14
15
Figure 3. 28-Pin PLCC Pin Configuration
25
19
5
11
18
12
26
4
Z86C34/C35/C36
1
P21
P20
P03
GND
P02
P01
P00
P05
P06
P07
VCC
XTAL2
XTAL1
P31
Table 1. 28-Pin DIP/SOIC/PLCC Pin Identification
Pin #
Symbol
Function
Direction
1–3
P25–27
Port 2, Bits 5,6,7
In/Output
4–7
P04–07
Port 0, Bits 4,5,6,7
In/Output
8VCC
Power Supply
9
XTAL2
Crystal Oscillator
Output
10
XTAL1
Crystal Oscillator
Input
11–13
P31–33
Port 3, Bits 1,2,3
Fixed Input
14–15
P34–35
Port 3, Bits 4,5
Fixed Output
16
P37
Port 3, Bit 7
Fixed Output
17
P36
Port 3, Bit 6
Fixed Output
18
P30
Port 3, Bit 0
Fixed Input
19–21
P00–02
Port 0, Bits 0,1,2
In/Output
22
GND
Ground
23
P03
Port 0, Bit 3
In/Output
24–28
P20–24
Port 2, Bits 0,1,2,3,4
In/Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com