Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 41Page - Zilog, Inc. Z86C34 Datasheet HTML 42Page - Zilog, Inc. Z86C34 Datasheet HTML 43Page - Zilog, Inc. Z86C34 Datasheet HTML 44Page - Zilog, Inc. Z86C34 Datasheet HTML 45Page - Zilog, Inc. Z86C34 Datasheet HTML 46Page - Zilog, Inc. Z86C34 Datasheet HTML 47Page - Zilog, Inc. Z86C34 Datasheet HTML 48Page - Zilog, Inc. Z86C34 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
45
a 0 to the EFR bit in CNTLA is the only way to clear these
latches. In other words, when an error bit reaches the top
of the FIFO, it sets an error latch. If the FIFO contains more
data and the software reads the next byte out of the FIFO,
the error latch remains set until the software writes a 0 to
the EFR bit. The error bits are cumulative, so if additional
errors are in the FIFO they set any unset error latches as they
reach the top.
Baud Rate Generator.
The baud rate generator features
two modes. The first provides a dual set of fixed clock di-
vide ratios as defined in CNTLB. In the second mode, the
BRG
is configured as a sixteen-bit down counter that divides
the processor clock by the value in a software accessible,
sixteen-bit, time-constant register. As a result, virtually any
frequency can be created by appropriately selecting the
main processor clock frequency. The BRG can also be dis-
abled in favor of the SCLK.
The Receiver and Transmitter subsequently divide the out-
put of the Baud rate Generator (or the signal from the CLK
pin) by 1, 16 or 64 under the control of the DR bit in the
CNTLB
register and the X1 bit in the ASCI Extension Con-
trol Register (ASEXT).
RESET.
During RESET, the ASCI is forced to the following
conditions:
• FIFO Empty
• All Error Bits Cleared (including those in the FIFO)
• Receive Enable Cleared (CNTLA BIT 6 = 0)
• Transmit Enable Cleared (CNTLA BIT 5 = 0)
Figure 31. ASCI Interface Diagram
Internal Address/Data Bus
ASCI Transmit Data Register
ASCI Status FIFO/Register
TDR (Bank:Ah,Addr :01h)
ASCI Transmit Shift Register
TSR
ASCI Receive Data FIFO
RDR (Bank:Ah,Addr:02h)
ASCI Receive Shift Register
RSR
ASCI Control Register A
CNTLA (Bank:Ah,Addr:03h)
ASCI Control Register B
CNTLB (Bank:Ah,Addr:04h)
STAT (Bank:Ah,Addr:08h)
ASCI Extension Control Reg.
ASEXT (Bank:Ah,Addr:05h)
ASCI Time Constant High
ASCI Time Constant Low
ASTCL (Bank:Ah,Add:06h)r
Baud Rate Generator
SCLK
(P37) TX
(P30) RX
ASCI
Control
IRQ3
Interrupt Request
**
**
Note: **Not Program
Accessible
ASTCH (Bank:Ah,Addr:07h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com