Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 48 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 44Page - Zilog, Inc. Z86C34 Datasheet HTML 45Page - Zilog, Inc. Z86C34 Datasheet HTML 46Page - Zilog, Inc. Z86C34 Datasheet HTML 47Page - Zilog, Inc. Z86C34 Datasheet HTML 48Page - Zilog, Inc. Z86C34 Datasheet HTML 49Page - Zilog, Inc. Z86C34 Datasheet HTML 50Page - Zilog, Inc. Z86C34 Datasheet HTML 51Page - Zilog, Inc. Z86C34 Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
48
P R E L I M I N A R Y
DS007601-Z8X0499
ASCI TRANSMIT DATA REGISTER (TDR)
(%(A)01H: READ/WRITE)
Data written to the ASCI Transmit Data Register (TDR) is
transferred to the Transmit Shift Register (TSR) as soon as
the TSR is empty. The TSR is not not software-accessible.
The ASCI transmitter is double-buffered so data can be
written to the TDR while the TSR is shifting out the previous
byte. Data can be written into and read out of the TDR. When
the TDR is read, the data transmit operation is not affected.
ASCI RECEIVE DATA REGISTER (RDR)
(%(A)02H: READ/WRITE)
When a complete incoming data byte is assembled in the
Receive Shift Register (RSR), it is automatically transferred
to the highest available location in the Receive Data FIFO.
The Receive Data Register (RDR) is the highest location in
the Receive Data FIFO. The RDRF bit in the STAT register
is set when one or more bytes is available from the FIFO.
The FIFO status for the character in the RDR is available
in the STAT register via bits 6, 5 and 4. STAT should be
read before reading the RDR. The data in both FIFO loca-
tions is popped when the character is read from the RDR.
ASCI CONTROL REGISTER A (CNTLA)
(%(A)03H: READ/WRITE)
Table 17. TDR Register Bit Functions
Bit
76543210
R
Transmit Data
W
Reset
UUUUUUUU
Table 18. RDR Register Bit Functions
Bit
76543210
R
Receive Data
W
Reset
UUUUUUUU
Table 19. CNTLA Register Bit Functions
Bit
7
6
5
4
3
2
1
0
R
Multiprocessor
Enable
(MPE)
Receiver
Enable
(RE)
Transmitter
Enable
(TE)
Reserved
Multiprocessor
Bit Received
(MPBR)
MOD2 MOD1 MOD0
W
Error Flag
Receive
(EFR)
Mode Select
Reset
0
0
0
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com