Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 55 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 55 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 51Page - Zilog, Inc. Z86C34 Datasheet HTML 52Page - Zilog, Inc. Z86C34 Datasheet HTML 53Page - Zilog, Inc. Z86C34 Datasheet HTML 54Page - Zilog, Inc. Z86C34 Datasheet HTML 55Page - Zilog, Inc. Z86C34 Datasheet HTML 56Page - Zilog, Inc. Z86C34 Datasheet HTML 57Page - Zilog, Inc. Z86C34 Datasheet HTML 58Page - Zilog, Inc. Z86C34 Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
55
Bit 2 is Reserved
When read, this bit reflects the default value 0. When
WRITE
, this bit is ignored.
Bit 1 is the Transmit Data Register Empty
TDRE = 1
indicates that the Transmit Data Register (TDR)
is empty and that the next data byte to be transmitted can
be written into the TDR. TDRE is cleared to 0 after the byte
is written to TDR, until the ASCI transfers the byte from the
TDR
to the Transmit Shift Register (TSR), and then TDRE
is again set to 1. TDRE is set to 1 at Power-On Reset.
Bit 0 is the Transmit Interrupt Enable
TIE
should be set to a 1 to enable ASCI transmit interrupt
requests. An interrupt (IRQ3) is generated when TDRE (bit
1
of the STAT register) is a 1. TIE is cleared to 0 at Power-
On Reset.
An anomaly exists that requires setting of the RIE bit to al-
low the generation of transmit interrupts. If RIE is not set,
transmit interrupts are not generated, even if TIE is set. See
Precautions.
Baud Rate Generation Summary
The application can select between one of two baud rate
generators for the ASCI. If the BRG Mode bit in the ASEXT
register is set to a 0, the SS2,1,0 bits, the DR, bit and the
PR bit in CNTLB are used to select the baud rate. If the BRG
Mode bit is set to a 1, the ASTL and ASTH registers are
used to select the baud rate.
The following formulas are used to calculate the baud rate
from the two baud rate generators:
If BRG mode = 0:
Where:
1. SCLK is the system clock.
2. PS = 1 or 0 and is bit 5 of CNTLB.
3. DIV = 1, 2, 4, 8, 16, 32 or 64 as reflected by SS2–0 in
CNTLB
.
4. DIVIDE RATIO = 16 or 64, as defined by DR in
CNTLB
.
If BRG mode = 1:
or
Where:
1. SCLK is the system clock.
2. TC is the 16-bit value programmed into ASTL and
ASTH
.
3. DIVIDE RATIO = 16 or 64, as defined by DR in
CNTLB
.
4. Baud Rate is the desired baud rate.
Baud Rate =
SCLK
(10 + 20 x PS) x DIV x Divide Ratio
Baud Rate =
SCLK
(2 x (TC + 2) x Divide Ratio
TC =
SCLK
– 2
2 x Baud Rate x Divide Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com