Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 2Page - Zilog, Inc. Z86C34 Datasheet HTML 3Page - Zilog, Inc. Z86C34 Datasheet HTML 4Page - Zilog, Inc. Z86C34 Datasheet HTML 5Page - Zilog, Inc. Z86C34 Datasheet HTML 6Page - Zilog, Inc. Z86C34 Datasheet HTML 7Page - Zilog, Inc. Z86C34 Datasheet HTML 8Page - Zilog, Inc. Z86C34 Datasheet HTML 9Page - Zilog, Inc. Z86C34 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
6
P R E L I M I N A R Y
DS007601-Z8X0499
PIN DESCRIPTION (Continued)
Figure 6. 44-Pin QFP Pin Configuration
34
44
P21
P22
P23
P24
DS
NC
R/W
P25
P26
P27
P04
P30
P36
P37
P35
RESET
R/RL
AS
P34
P33
P32
P31
1
23
33
Z86C44/C45/C46
11
22
12
Table 4. 44-Pin QFP Pin Identification
Pin #
Symbol
Function
Direction
1–2
P05–06
Port 0, Bits 5,6
In/Output
3–4
P14–15
Port 1, Bits 4,5
In/Output
5
P07
Port 0, Bit 7
In/Output
6–7
VCC
Power Supply
8–9
P16–17
Port 1 Bits 6,7
In/Output
10
XTAL2
Crystal Oscillator
Output
11
XTAL1
Crystal Oscillator
Input
12–14 P31–33
Port 3, Bits 1,2,3
Input
15
P34
Port 3, Bit 4
Output
16
AS
Address Strobe
Output
17
R/RL
ROM/ROMless Control
Input
18
RESET
Reset
Input
19
P35
Port 3, Bit 5
Output
20
P37
Port 3, Bit 7
Output
21
P36
Port 3, Bit 6
Output
22
P30
Port 3, Bit 0
Input
23–24 P00–01
Port 0, Bits 0,1
In/Output
25–26 P10–11
Port 1, Bits 0,1
In/Output
27
P02
Port 0, Bit 2
In/Output
28–29 GND
Ground
30–31 P12–13
Port 1, Bits 2,3
In/Output
32
P03
Port 0, Bit 3
In/Output
33–37 P20–24
Port 2, Bits 0,1,2,3,4
In/Output
38
DS
Data Strobe
Output
39
NC
Not Connected
40
R/W
READ/WRITE
Output
Table 4. 44-Pin QFP Pin Identification
Pin #
Symbol
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com