Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 62 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 62 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 58Page - Zilog, Inc. Z86C34 Datasheet HTML 59Page - Zilog, Inc. Z86C34 Datasheet HTML 60Page - Zilog, Inc. Z86C34 Datasheet HTML 61Page - Zilog, Inc. Z86C34 Datasheet HTML 62Page - Zilog, Inc. Z86C34 Datasheet HTML 63Page - Zilog, Inc. Z86C34 Datasheet HTML 64Page - Zilog, Inc. Z86C34 Datasheet HTML 65Page - Zilog, Inc. Z86C34 Datasheet HTML 66Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
62
P R E L I M I N A R Y
DS007601-Z8X0499
Z8 CONTROL REGISTERS (Continued)
Figure 45. Prescaler 0 Register
(F5H: WRITE ONLY)
Figure 46. Port 2 Mode Register
(F6H: WRITE ONLY)
Figure 47. Port 3 Mode Register
(F7H: WRITE ONLY)
0 T0 Single Pass
1 T0 Modulo N
D7
D6
D5
D4
D3
D2
D1
D0
Count Mode
Reserved (Must be 0)
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R245 PRE0
D7
D6
D5
D4
D3
D2
D1
D0
P20 - P27 I/O Definition
0
Defines Bit as Output
1
Defines Bit as Input
R246 P2M
D7 D6 D5 D4 D3 D2 D1 D0
R247 P3M
0 Port 2 Pull-Ups Open Drain
1 Port 2 Push-Pull Active
0 P31, P32 Digital Mode
1 P31, P32 Analog Mode
0 P32 = Input
P35 = Output
1 P32 = DAV0/RDY0
P35 = RDY0/DAV0
00 P33 = Input
P34 = Output
01 P33 = Input
10 P34 = DM
P34 = RDY1/DAV1
0 P31 = Input (TIN)
P36 = Output (T
OUT)
1 P31 = DAV2/RDY2
P36 = RDY2/DAV2
0 P30 = Input
¬
Reserved (must be 0)
11 P33 = DAV0/RDY0
P37 = Output
Figure 48. Port 0 and 1 Mode Register
(F8H: WRITE ONLY)
Figure 49. Interrupt Priority Register
(F9H: WRITE ONLY)
D7
D6
D5
D4
D3
D2
D1
D0
R248 P01M
P00–P03 Mode
00 Output
01 Input
1X A11–A8
Stack Selection
0 External
1 Internal
P10 - P17 Mode
00 Byte Output
01 Byte Input
10 AD7 - AD0
11 High-Impedance AD7–AD0,
AS, DS, R/W, A11–A8,
A15–A12, If Selected
P04–P07 Mode
00 Output
01 Input
1X A15–A12
External Memory Timing
0 Normal
1 Extended
For 28 pin device, the user must set:
D2=1
D3=0
D4=0
†
†
†
D7
D6
D5
D4
D3
D2
D1
D0
Interrupt Group Priority
000 Reserved
001 C > A > B
010 A > B > C
011 A > C > B
100 B > C > A
101 C > B > A
110 B > A > C
111 Reserved
IRQ3, IRQ5 Priority (Group A)
0 IRQ5 > IRQ3
1 IRQ3 > IRQ5
IRQ0, IRQ2 Priority (Group B)
0 IRQ2 > IRQ0
1 IRQ0 > IRQ2
IRQ1, IRQ4 Priority (Group C)
0 IRQ1 > IRQ4
1 IRQ4 > IRQ1
Reserved (Must be 0)
R249 IPR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com