Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 35Page - Zilog, Inc. Z86C34 Datasheet HTML 36Page - Zilog, Inc. Z86C34 Datasheet HTML 37Page - Zilog, Inc. Z86C34 Datasheet HTML 38Page - Zilog, Inc. Z86C34 Datasheet HTML 39Page - Zilog, Inc. Z86C34 Datasheet HTML 40Page - Zilog, Inc. Z86C34 Datasheet HTML 41Page - Zilog, Inc. Z86C34 Datasheet HTML 42Page - Zilog, Inc. Z86C34 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
39
SCLK/TCLK Divide-by-16 Select (D0).
D0 of the SMR
controls a divide-by-16 prescaler of SCLK/TCLK. The pur-
pose of this control is to selectively reduce device power
consumption during normal processor execution (SCLK
control) and/or HALT mode (where TCLK sources
counter/timers and interrupt logic). This bit is reset to D0
= 0
after a Stop-Mode Recovery.
External Clock Divide-by-Two (D1).
This bit can elimi-
nate the oscillator divide-by-two circuitry. When this bit is
0, the System Clock (SCLK) and Timer Clock (TCLK) are
equal to the external clock frequency divided by 2. The
SCLK/TCLK
is equal to the external clock frequency when
this bit is set (D1 = 1). Using this bit together with D7 of
PCON
further helps lower EMI (that is, D7 (PCON) = 0, D1
(SMR) = 1
). The default setting is 0. Maximum external
clock frequency is 4 MHz when SMR BIT D1 = 1 where
SCLK/TCLK = XTAL
.
Stop-Mode Recovery Source (D2, D3, and D4).
These
three bits of the SMR specify the wake-up source of the
STOP
recovery (Figure 28 and Table 13). When the Stop-
Mode Recovery Sources are selected in this register, then
SMR2
register bits D0,D1 must be set to 0.
Note: If the Port 2 pin is configured as an output, this output
level is read by the SMR circuitry.
Figure 26. Stop-Mode Recovery Register
(WRITE ONLY Except Bit D7, Which Is READ ONLY)
Figure 27. Stop-Mode Recovery Register 2
(0F) DH: WRITE ONLY
D7
D6
D5
D4
D3
D2
D1
D0
SMR (FH) 0B
SCLK/TCLK Divide-by-16
0 OFF * *
1 ON
STOP-Mode Recovery Source
000 POR Only and/or External Reset*
001 P30
010 P31
011 P32
100 P33
101 P27
110 P2 NOR 0-3
111 P2 NOR 0-7
Stop Delay
0 OFF
1 ON*
Stop Recovery Level
0 Low*
1 High
Stop Flag (Read only)
0 POR*
1 Stop Recovery
Note: Not used in conjunction with SMR2 Source
* Default setting after RESET.
* * Default setting after RESET and STOP-Mode Recovery.
External Clock Divide by 2
0 SCLK/TCLK =XTAL/2*
1 SCLK/TCLK =XTAL
D7
D6
D5
D4
D3
D2
D1
D0
SMR2 (0F) DH
Note: Not used in conjunction with SMR Source
Stop-Mode Recovery Source 2
00 POR only*
01 AND P20,P21,P22,P23
10 AND P20,P21,P22,P23,P24,
P25,P26,P27
Reserved (Must be 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com