Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 51 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 51 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 47Page - Zilog, Inc. Z86C34 Datasheet HTML 48Page - Zilog, Inc. Z86C34 Datasheet HTML 49Page - Zilog, Inc. Z86C34 Datasheet HTML 50Page - Zilog, Inc. Z86C34 Datasheet HTML 51Page - Zilog, Inc. Z86C34 Datasheet HTML 52Page - Zilog, Inc. Z86C34 Datasheet HTML 53Page - Zilog, Inc. Z86C34 Datasheet HTML 54Page - Zilog, Inc. Z86C34 Datasheet HTML 55Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
51
Bit 2,1 are the Clock Source and Speed Select
When the BRG mode bit in the ASEXT register is set to 0,
these 3 bits, along with DR and PR in this register define
the ASCI baud rate. Bits 2, 1 and 0 specify a power-of-two
divider of the SCLK as defined in Table 22. These bits
should never be set to all 1s or erratic results may occur.
See the Baud Rate Generation Summary for more informa-
tion on setting the ASCI baud rate.
DR
Sampling Clock
0
Divide by 16
1
Divide by 64
Table 22. Clock Source and Speed Bits
SS2
SS1
SS0
Divider (DIV)
000
÷1
001
÷2
010
÷4
011
÷8
100
÷16
101
÷32
110
÷64
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com