Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86C34 Datasheet HTML 1Page - Zilog, Inc. Z86C34 Datasheet HTML 2Page - Zilog, Inc. Z86C34 Datasheet HTML 3Page - Zilog, Inc. Z86C34 Datasheet HTML 4Page - Zilog, Inc. Z86C34 Datasheet HTML 5Page - Zilog, Inc. Z86C34 Datasheet HTML 6Page - Zilog, Inc. Z86C34 Datasheet HTML 7Page - Zilog, Inc. Z86C34 Datasheet HTML 8Page - Zilog, Inc. Z86C34 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
4
P R E L I M I N A R Y
DS007601-Z8X0499
PIN DESCRIPTION (Continued)
Figure 4. 40-Pin DIP Configuration
R/W
P25
P26
P27
P04
P05
P06
P14
P15
P07
VCC
P16
P17
XTAL2
XTAL1
P31
P32
P33
P34
AS
DS
P24
P23
P22
P21
P20
P03
P13
P12
GND
P02
P11
P10
P01
P00
P30
P36
P37
P35
RESET
40
Z86C44/C45/C46
1
20
21
Table 2. 40-Pin Dual-In-Line Package Pin Identification
Pin #
Symbol
Function
Direction
1
R/W
READ/WRITE
Output
2–4
P25–27
Port 2, Bits 5,6,7
In/Output
5–7
P04–06
Port 0, Bits 4,5,6
In/Output
8–9
P14–15
Port 1, Bits 4,5
In/Output
10
P07
Port 0, Bit 7
In/Output
11
VCC
Power Supply
12–13
P16–17
Port 1, Bits 6,7
In/Output
14
XTAL2
Crystal Oscillator
Output
15
XTAL1
Crystal Oscillator
Input
16–18
P31–33
Port 3, Bits 1,2,3
Input
19
P34
Port 3, Bit 4
Output
20
AS
Address Strobe
Output
21
RESET
Reset
Input
22
P35
Port 3, Bit 5
Output
23
P37
Port 3, Bit 7
Output
24
P36
Port 3, Bit 6
Output
25
P30
Port 3, Bit 0
Input
26–27
P00–01
Port 0, Bit 0,1
In/Output
28–29
P10–11
Port 1, Bit 0,1
In/Output
30
P02
Port 0, Bit 2
In/Output
31
GND
Ground
32–33
P12–13
Port 1, Bit 2,3
In/Output
34
P03
Port 0, Bit 3
In/Output
35–39
P20–24
Port 2, Bit 0,1,2,3,4
In/Output
40
DS
Data Strobe
Output
Table 2. 40-Pin Dual-In-Line Package Pin Identification
Pin #
Symbol
Function
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com