Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 60 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 60 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 56Page - Zilog, Inc. Z86C34 Datasheet HTML 57Page - Zilog, Inc. Z86C34 Datasheet HTML 58Page - Zilog, Inc. Z86C34 Datasheet HTML 59Page - Zilog, Inc. Z86C34 Datasheet HTML 60Page - Zilog, Inc. Z86C34 Datasheet HTML 61Page - Zilog, Inc. Z86C34 Datasheet HTML 62Page - Zilog, Inc. Z86C34 Datasheet HTML 63Page - Zilog, Inc. Z86C34 Datasheet HTML 64Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
CMOS Z8® MCUs with ASCI UART
ZiLOG
60
P R E L I M I N A R Y
DS007601-Z8X0499
EXPANDED REGISTER FILE CONTROL REGISTERS
Figure 37. Stop-Mode Recovery Register
(WRITE ONLY, except Bit D7, which is READ ONLY)
Figure 38. Stop-Mode Recovery Register2
D7
D6
D5
D4
D3
D2
D1
D0
SMR (FH) 0B
SCLK/TCLK Divide-by-16
0 OFF * *
1 ON
STOP-Mode Recovery Source
000 POR Only and/or External Reset*
001 P30
010 P31
011 P32
100 P33
101 P27
110 P2 NOR 0-3
111 P2 NOR 0-7
Stop Delay
0 OFF
1 ON*
Stop Recovery Level
0 Low*
1 High
Stop Flag (Read only)
0 POR*
1 Stop Recovery
Note: Not used in conjunction with SMR2 Source
* Default setting after RESET.
* * Default setting after RESET and STOP-Mode Recovery.
External Clock Divide by 2
0 SCLK/TCLK =XTAL/2*
1 SCLK/TCLK =XTAL
D7
D6
D5
D4
D3
D2
D1
D0
SMR2 (0F) DH
Note: Not used in conjunction with SMR Source
Stop-Mode Recovery Source 2
00 POR only*
01 AND P20,P21,P22,P23
10 AND P20,P21,P22,P23,P24,
P25,P26,P27
Reserved (Must be 0)
Figure 39. Watch-Dog Timer Mode Register
(WRITE ONLY)
D7
D6
D5
D4
D3
D2
D1
D0
WDTMR (F) 0F
WDT TAP
INT RC OSC System Clock
00
3.5 ms
128 SCLK
01
10 ms
256 SCLK
10
14 ms
512 SCLK
11
56 ms
2048 SCLK
WDT During HALT
0 OFF
1 ON
WDT During STOP
0 OFF
1 ON
XTAL1/INT RC Select for WDT
0 On-Board RC
1 XTAL
Reserved (Must be 0)
* Default setting after RESET
*
*
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com