Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C34 Datasheet(PDF) 41 Page - Zilog, Inc.

Part # Z86C34
Description  CMOS Z8 MCUs WITH ASCI UART OFFER EFFICIENT, COST-EFFECTIVE DESIGN FLEXIBILITY
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C34 Datasheet(HTML) 41 Page - Zilog, Inc.

Back Button Z86C34 Datasheet HTML 37Page - Zilog, Inc. Z86C34 Datasheet HTML 38Page - Zilog, Inc. Z86C34 Datasheet HTML 39Page - Zilog, Inc. Z86C34 Datasheet HTML 40Page - Zilog, Inc. Z86C34 Datasheet HTML 41Page - Zilog, Inc. Z86C34 Datasheet HTML 42Page - Zilog, Inc. Z86C34 Datasheet HTML 43Page - Zilog, Inc. Z86C34 Datasheet HTML 44Page - Zilog, Inc. Z86C34 Datasheet HTML 45Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Z86C34/C35/C36/C44/C45/C46
ZiLOG
CMOS Z8® MCUs with ASCI UART
DS007601-Z8X0499
P R E L I M I N A R Y
41
Stop-Mode Recovery Register 2 (SMR2).
This register
contains additional Stop-Mode Recovery sources. When
the Stop-Mode Recovery sources are selected in this reg-
ister then SMR Register. Bits D2, D3, and D4 must be 0.
Watch-Dog Timer Mode Register (WDTMR).
The WDT
is a retriggerable one-shot timer that resets the Z8 if it reach-
es its terminal count. The WDT is initially enabled by exe-
cuting the WDT instruction and refreshed on subsequent ex-
ecutions of the WDT instruction. The WDT circuit is driven
by an onboard RC oscillator or external oscillator from the
XTAL1
pin. The POR clock source is selected with bit 4 of
the WDT register (Figure 29).
WDT
instruction affects the Z (Zero), S (Sign), and V (Over-
flow) flags. The WDTMR must be written to within 64 in-
ternal system clocks. After that, the WDTMR is WRITE-pro-
tected.
Note: WDT time-out while in STOP mode does not reset SMR,
PCON
, WDTMR, P2M, P3M, Ports 2 & 3 Data Registers,
but the POR delay counter is still enabled even though
the SMR stop delay is disabled.
WDT Time Select. (D0,D1).
Selects the WDT time period
and is configured as indicated in Table 15.
Table 14. Stop-Mode Recovery Source
SMR:10
D1
D0
Operation
Description of Action
0
0
POR and/or external reset recovery
0
1
Logical AND of P20 through P23
1
0
Logical AND of P20 through P27
Figure 29. Watch-Dog Timer Mode Register (WRITE ONLY)
D7
D6
D5
D4
D3
D2
D1
D0
WDTMR (F) 0F
WDT TAP INT RC OSC External Clock
00
3.5 ms
128 TpC
01
*
7 ms
256 TpC
10
14 ms
512 TpC
11
56 ms
2048 TpC
WDT During HALT
0 OFF
1 ON
*
WDT During STOP
0 OFF
1 ON
*
XTAL1/INT RC Select for WDT
0 On-Board RC
*
1 XTAL
Reserved (must be 0)
*Default setting after RESET
Table 15. WDT Time Select
D1
D0
Timeout of
Internal RC OSC
Timeout of
System Clock
0
0
3.5 ms min
128 SCLK
0
1
7 ms min
256 SCLK
1
0
14 ms min
512 SCLK
1
1
56 ms min
2048 SCLK
Notes:
SCLK = system bus clock cycle.
The default on RESET is 7 ms.
Values provided are for VCC = 5.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com